| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PM0215 Datasheet(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0215 Datasheet(HTML) 23 Page - STMicroelectronics |
|
23 / 91 page ![]() PM0215 The STM32 Cortex-M0 processor Doc ID 022979 Rev 1 23/91 For an asynchronous exception other than reset, the processor can execute another instruction between when the exception is triggered and when the processor enters the exception handler. Software can disable the exceptions that Table 12 on page 23 shows as having configurable priority, see:Interrupt clear-enable register (ICER) on page 71. For more information about hard faults, see Section 2.4: Fault handling on page 28. 2.3.3 Exception handlers The processor handles exceptions using: Interrupt (IRQ) A interrupt, or IRQ, is an exception signalled by a peripheral, or generated by a software request. All interrupts are asynchronous to instruction execution. In the system, peripherals use interrupts to communicate with the processor. Table 12. Properties of the different exception types Exception number(1) IRQ number(1) Exception type Priority Vector address or offset(2) Activation 1 - Reset -3, the highest 0x00000004 Asynchronous 2 -14 NMI -2 0x00000008 Asynchronous 3 -13 Hard fault -1 0x0000000C Synchronous 4-10 - Reserved - - - 11 -5 SVCall Configurable(3) 0x0000002C Synchronous 12-13 - Reserved - - - 14 -2 PendSV Configurable(3) 0x00000038 Asynchronous 15 -1 SysTick Configurable(3) 0x0000003C Asynchronous 16 - 47 0 - 31 Interrupt (IRQ) Configurable(3) 0x00000040 and above (4) Asynchronous 1. To simplify the software layer, the CMSIS only uses IRQ numbers and therefore uses negative values for exceptions other than interrupts. The IPSR returns the Exception number, see Interrupt program status register on page 14. 2. See Vector table on page 24 for more information. 3. See Interrupt priority register (IPR0-IPR7) on page 73. 4. Increasing in steps of 4. Interrupt Service Routines (ISRs) Interrupts IRQ0 to IRQ31 are the exceptions handled by ISRs. Fault handlers Hard fault is the only fault exception handled by the fault handlers. System handlers NMI, PendSV, SVCall SysTick, and Hard fault exceptions are all system exceptions that are handled by system handlers. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |