| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PM0215 Datasheet(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0215 Datasheet(HTML) 18 Page - STMicroelectronics |
|
18 / 91 page ![]() The STM32 Cortex-M0 processor PM0215 18/91 Doc ID 022979 Rev 1 2.2 Memory model This section describes the processor memory map, and the behavior of memory accesses. The processor has a fixed memory map that provides up to 4 GB of addressable memory. Figure 6. Memory map The processor reserves regions of the Private peripheral bus (PPB) address range for core peripheral registers, see Section 4.1: About the STM32 Cortex-M0 core peripherals on page 69. ([WHUQDOGHYLFH ([WHUQDO5$0 3HULSKHUDO 65$0 &RGH [)))))))) 3ULYDWHSHULSKHUDOEXV [( [())))) [))))))) [$ [))))))) [ [))))))) [ [))))))) [ [ *% *% *% *% *% ['))))))) [( 0% 0% 'HYLFH |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |