| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PM0215 Datasheet(PDF) 68 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0215 Datasheet(HTML) 68 Page - STMicroelectronics |
|
68 / 91 page ![]() The STM32 Cortex-M0 instruction set PM0215 68/91 Doc ID 022979 Rev 1 3.7.12 WFI Wait for Interrupt. Syntax WFI Operation WFI is a hint instruction that suspends execution until one of the following events occurs: ● An exception ● An interrupt becomes pending which would preempt if PRIMASK was clear ● A Debug Entry request, regardless of whether Debug is enabled. WFI is intended for power saving only. When writing software assume that WFI might behave as a NOP operation. Restrictions None Condition flags This instruction does not change the flags. Examples WFI ; Wait for interrupt |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |