Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PM0215 Datasheet(PDF) 42 Page - STMicroelectronics

No. de pieza PM0215
Descripción Electrónicos  STM32F0xxx Cortex-M0 programming manual
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0215 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button PM0215 Datasheet HTML 38Page - STMicroelectronics PM0215 Datasheet HTML 39Page - STMicroelectronics PM0215 Datasheet HTML 40Page - STMicroelectronics PM0215 Datasheet HTML 41Page - STMicroelectronics PM0215 Datasheet HTML 42Page - STMicroelectronics PM0215 Datasheet HTML 43Page - STMicroelectronics PM0215 Datasheet HTML 44Page - STMicroelectronics PM0215 Datasheet HTML 45Page - STMicroelectronics PM0215 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 91 page
background image
The STM32 Cortex-M0 instruction set
PM0215
42/91
Doc ID 022979 Rev 1
3.4.1
ADR
Load PC-relative address.
Syntax
ADR Rd, label
where:
●
‘Rd’ is the destination register
●
‘label’ is a PC-relative expression (see PC-relative expressions on page 39)
Operation
ADR determines the address by adding an immediate value to the PC. It writes the result to
the destination register.
ADR produces position-independent code, because the address is PC-relative.
If you use ADR to generate a target address for a BX or BLX instruction, you must ensure
that bit[0] of the address you generate is set to1 for correct execution.
Restrictions
Rd must specify R0-R7. The data-value addressed must be word aligned and within 1020
bytes of the current PC.
Condition flags
This instruction does not change the flags.
Examples
ADR
R1, TextMessage
; write address value of a location labelled as
; TextMessage to R1
ADR
R3, [PC,#996]
; Set R3 to value of PC + 996.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91