Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TMS320F28069PFP Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza TMS320F28069PFP
Descripción Electrónicos  Piccolo Microcontrollers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28069PFP Datasheet(HTML) 2 Page - Texas Instruments

  TMS320F28069PFP Datasheet HTML 1Page - Texas Instruments TMS320F28069PFP Datasheet HTML 2Page - Texas Instruments TMS320F28069PFP Datasheet HTML 3Page - Texas Instruments TMS320F28069PFP Datasheet HTML 4Page - Texas Instruments TMS320F28069PFP Datasheet HTML 5Page - Texas Instruments TMS320F28069PFP Datasheet HTML 6Page - Texas Instruments TMS320F28069PFP Datasheet HTML 7Page - Texas Instruments TMS320F28069PFP Datasheet HTML 8Page - Texas Instruments TMS320F28069PFP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 182 page
background image
2
TMS320F28069, TMS320F28068, TMS320F28067, TMS320F28066
TMS320F28065, TMS320F28064, TMS320F28063, TMS320F28062
SPRS698G – NOVEMBER 2010 – REVISED MAY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320F28069 TMS320F28068 TMS320F28067 TMS320F28066 TMS320F28065
TMS320F28064 TMS320F28063 TMS320F28062
Device Overview
Copyright © 2010–2018, Texas Instruments Incorporated
1.2
Applications
•
Appliances
•
Building Automation
•
Electric Vehicle/Hybrid Electric Vehicle (EV/HEV)
Powertrain
•
Factory Automation
•
Grid Infrastructure
•
Medical, Healthcare and Fitness
•
Motor Drives
•
Power Delivery
•
Telecom Infrastructure
•
Test and Measurement
1.3
Description
The F2806x Piccolo™ family of microcontrollers (MCUs) provides the power of the C28x core and CLA
coupled with highly integrated control peripherals in low pin-count devices. This family is code-compatible
with previous C28x-based code, and also provides a high level of analog integration.
An internal voltage regulator allows for single-rail operation. Enhancements have been made to the
HRPWM module to allow for dual-edge control (frequency modulation). Analog comparators with internal
10-bit references have been added and can be routed directly to control the ePWM outputs. The ADC
converts from 0 to 3.3-V fixed full-scale range and supports ratio-metric VREFHI/VREFLO references. The
ADC interface has been optimized for low overhead and latency.
(1)
For more information on these devices, see Mechanical, Packaging, and Orderable Information.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE
TMS320F28069PZP
HTQFP (100)
14.0 mm × 14.0 mm
TMS320F28069PFP
HTQFP (80)
12.0 mm × 12.0 mm
TMS320F28069PZ
LQFP (100)
14.0 mm × 14.0 mm
TMS320F28069PN
LQFP (80)
12.0 mm × 12.0 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com