Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TMS320F28069PFP Datasheet(PDF) 98 Page - Texas Instruments

No. de pieza TMS320F28069PFP
Descripción Electrónicos  Piccolo Microcontrollers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28069PFP Datasheet(HTML) 98 Page - Texas Instruments

Back Button TMS320F28069PFP Datasheet HTML 94Page - Texas Instruments TMS320F28069PFP Datasheet HTML 95Page - Texas Instruments TMS320F28069PFP Datasheet HTML 96Page - Texas Instruments TMS320F28069PFP Datasheet HTML 97Page - Texas Instruments TMS320F28069PFP Datasheet HTML 98Page - Texas Instruments TMS320F28069PFP Datasheet HTML 99Page - Texas Instruments TMS320F28069PFP Datasheet HTML 100Page - Texas Instruments TMS320F28069PFP Datasheet HTML 101Page - Texas Instruments TMS320F28069PFP Datasheet HTML 102Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 182 page
background image
ADCCLK
2
0
9
SOC0 Sample
B Window
Analog Input B
Analog Input A
SOC0 Sample
A Window
37
50
SOC2 Sample
B Window
SOC2 Sample
A Window
24
22
ADCCTL1.INTPULSEPOS
ADCSOCFLG1.SOC0
ADCSOCFLG1.SOC1
ADCSOCFLG1.SOC2
S/H Window Pulse to Core
SOC0 (A/B)
SOC2 (A/B)
ADCRESULT 0
Result 0 (A) Latched
2 ADCCLKs
Result 0 (B) Latched
ADCRESULT 1
ADCRESULT 2
EOC0 Pulse
EOC1 Pulse
EOC2 Pulse
Minimum
7 ADCCLKs
Conversion 0 (A)
13 ADC Clocks
2 ADCCLKs
Minimum
7 ADCCLKs
Conversion 1 (A)
13 ADC Clocks
Conversion 0 (B)
13 ADC Clocks
ADCINTFLG.ADCINTx
19
ADCCLKs
98
TMS320F28069, TMS320F28068, TMS320F28067, TMS320F28066
TMS320F28065, TMS320F28064, TMS320F28063, TMS320F28062
SPRS698G – NOVEMBER 2010 – REVISED MAY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320F28069 TMS320F28068 TMS320F28067 TMS320F28066 TMS320F28065
TMS320F28064 TMS320F28063 TMS320F28062
Detailed Description
Copyright © 2010–2018, Texas Instruments Incorporated
Figure 6-28. Timing Example for Simultaneous Mode / Early Interrupt Pulse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com