Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TMS320F28069PFP Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza TMS320F28069PFP
Descripción Electrónicos  Piccolo Microcontrollers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28069PFP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS320F28069PFP Datasheet HTML 2Page - Texas Instruments TMS320F28069PFP Datasheet HTML 3Page - Texas Instruments TMS320F28069PFP Datasheet HTML 4Page - Texas Instruments TMS320F28069PFP Datasheet HTML 5Page - Texas Instruments TMS320F28069PFP Datasheet HTML 6Page - Texas Instruments TMS320F28069PFP Datasheet HTML 7Page - Texas Instruments TMS320F28069PFP Datasheet HTML 8Page - Texas Instruments TMS320F28069PFP Datasheet HTML 9Page - Texas Instruments TMS320F28069PFP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 182 page
background image
6
TMS320F28069, TMS320F28068, TMS320F28067, TMS320F28066
TMS320F28065, TMS320F28064, TMS320F28063, TMS320F28062
SPRS698G – NOVEMBER 2010 – REVISED MAY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320F28069 TMS320F28068 TMS320F28067 TMS320F28066 TMS320F28065
TMS320F28064 TMS320F28063 TMS320F28062
Revision History
Copyright © 2010–2018, Texas Instruments Incorporated
2
Revision History
Changes from March 22, 2016 to May 18, 2018 (from F Revision (March 2016) to G Revision)
Page
•
Global: Removed TMDS28069USB (F28069 Piccolo controlSTICK).
........................................................ 1
•
Section 1.1 (Features): Added "Temperature Options" feature.
................................................................ 1
•
Section 1.2 (Applications): Updated section.
...................................................................................... 2
•
Section 3.1 (Related Products): Added section.
................................................................................ 10
•
Section 4.1 (Pin Diagrams): Added NOTE about PowerPAD.
................................................................ 13
•
Section 4.2 (Signal Descriptions): Updated NOTE.
............................................................................. 14
•
Table 4-1 (Signal Descriptions): Updated DESCRIPTION of XRS and VDDIO. .............................................. 14
•
Table 4-1: Added "Reserved" mux positions to GPIO signals.
............................................................... 14
•
Section 5.1 (Absolute Maximum Ratings): Updated description of "Input clamp current".
............................... 23
•
Section 5.2 (ESD Ratings – Commercial): Changed title from "ESD Ratings for TMS320F2806xU" to "ESD
Ratings – Commercial". Updated table.
......................................................................................... 24
•
Section 5.3 (ESD Ratings – Automotive): Changed title from "ESD Ratings for TMS320F2806x,
TMS320F2806xM, and TMS320F2806xF" to "ESD Ratings – Automotive". Updated table.
............................. 24
•
Table 5-1 (TMS320F2806x Current Consumption at 90-MHz SYSCLKOUT): Updated "To realize the IDD number
shown for HALT mode ..." footnote.
.............................................................................................. 26
•
Section 5.12 (Power Sequencing): Added "(for analog pins, this value is 0.7 V above VDDA)" to "There is no
power sequencing requirement needed ..." paragraph.
....................................................................... 35
•
Table 5-14 (Flash Parameters at 90-MHz SYSCLKOUT): Added MAX Program Time of 2000 ms for all sectors.
... 41
•
Table 5-14: Added MAX Erase Time of 15 s for all sectors.
.................................................................. 41
•
Table 5-14: Added footnote about program time.
............................................................................... 41
•
Table 5-14: Added footnote about parameters in MAX column.
.............................................................. 41
•
Figure 6-1 (28069 Memory Map): Added starting address of Calibration Data (0x3D 7E82).
............................ 54
•
Figure 6-1: Updated 0x3F 8000–0x3F FFC0.
.................................................................................. 54
•
Figure 6-1: Updated footnote about 2806xM and 2806xF devices.
.......................................................... 54
•
Figure 6-1: Added footnote about ROM contents.
.............................................................................. 54
•
Figure 6-2 (28068 Memory Map): Added starting address of Calibration Data (0x3D 7E82).
........................... 55
•
Figure 6-2: Updated 0x3F 8000–0x3F FFC0.
.................................................................................. 55
•
Figure 6-2: Updated footnote about 2806xM and 2806xF devices.
.......................................................... 55
•
Figure 6-2: Added footnote about ROM contents.
.............................................................................. 55
•
Figure 6-3 (28067 Memory Map): Added starting address of Calibration Data (0x3D 7E82).
........................... 56
•
Figure 6-3: Updated 0x3F 8000–0x3F FFC0.
.................................................................................. 56
•
Figure 6-4 (28066 Memory Map): Added starting address of Calibration Data (0x3D 7E82).
........................... 57
•
Figure 6-4: Updated 0x3F 8000–0x3F FFC0.
.................................................................................. 57
•
Figure 6-5 (28065 Memory Map): Added starting address of Calibration Data (0x3D 7E82).
............................ 58
•
Figure 6-5: Updated 0x3F 8000–0x3F FFC0.
.................................................................................. 58
•
Figure 6-6 (28064 Memory Map): Added starting address of Calibration Data (0x3D 7E82).
............................ 59
•
Figure 6-6: Updated 0x3F 8000–0x3F FFC0.
.................................................................................. 59
•
Figure 6-7 (28063 Memory Map): Added starting address of Calibration Data (0x3D 7E82).
............................ 60
•
Figure 6-7: Updated 0x3F 8000–0x3F FFC0.
.................................................................................. 60
•
Figure 6-8 (28062 Memory Map): Added starting address of Calibration Data (0x3D 7E82).
............................ 61
•
Figure 6-8: Updated 0x3F 8000–0x3F FFC0.
.................................................................................. 61
•
Figure 6-8: Updated footnote about 2806xM and 2806xF devices.
.......................................................... 61
•
Figure 6-8: Added footnote about ROM contents.
.............................................................................. 61
•
Section 6.5.1.1 (Using the On-chip VREG): Updated section.
................................................................ 68
•
Section 6.5.2 (On-chip Power-On Reset (POR) and Brownout Reset (BOR) Circuit): Updated section.
............... 68
•
Figure 6-11 (Clock Tree): Updated figure.
....................................................................................... 72
•
Section 6.9.2.1.1 (Features): Updated NOTE about ADCIN pins which are multiplexed with AIO function.
............ 89
•
Section 6.9.4 (Serial Peripheral Interface (SPI) Module): Updated "Rising edge with phase delay" clockng
scheme.
............................................................................................................................ 103
•
Section 6.9.4.1 (SPI Master Mode Electrical Data/Timing): Updated section.
............................................ 106
•
Section 6.9.4.2 (SPI Slave Mode Electrical Data/Timing): Updated section.
............................................. 108
•
Table 6-55 (I2C Timing Requirements): Added table.
....................................................................... 129
•
Table 6-56 (I2C Switching Characteristics): Changed table title from "I2C Timing" to "I2C Switching
Characteristics".
.................................................................................................................... 129
•
Table 6-62 (High-Resolution PWM Characteristics): Updated footnote about MEP step size.
......................... 137
•
Section 6.9.12 (High-Resolution Capture Modules (HRCAP1 to HRCAP4)): Updated list of HRCAP channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com