Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TMS320F28069PFP Datasheet(PDF) 64 Page - Texas Instruments

No. de pieza TMS320F28069PFP
Descripción Electrónicos  Piccolo Microcontrollers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28069PFP Datasheet(HTML) 64 Page - Texas Instruments

Back Button TMS320F28069PFP Datasheet HTML 60Page - Texas Instruments TMS320F28069PFP Datasheet HTML 61Page - Texas Instruments TMS320F28069PFP Datasheet HTML 62Page - Texas Instruments TMS320F28069PFP Datasheet HTML 63Page - Texas Instruments TMS320F28069PFP Datasheet HTML 64Page - Texas Instruments TMS320F28069PFP Datasheet HTML 65Page - Texas Instruments TMS320F28069PFP Datasheet HTML 66Page - Texas Instruments TMS320F28069PFP Datasheet HTML 67Page - Texas Instruments TMS320F28069PFP Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 182 page
background image
64
TMS320F28069, TMS320F28068, TMS320F28067, TMS320F28066
TMS320F28065, TMS320F28064, TMS320F28063, TMS320F28062
SPRS698G – NOVEMBER 2010 – REVISED MAY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320F28069 TMS320F28068 TMS320F28067 TMS320F28066 TMS320F28065
TMS320F28064 TMS320F28063 TMS320F28062
Detailed Description
Copyright © 2010–2018, Texas Instruments Incorporated
(1)
Registers in Frame 0 support 16-bit and 32-bit accesses.
(2)
If registers are EALLOW protected, then writes cannot be performed until the EALLOW instruction is executed. The EDIS instruction
disables writes to prevent stray code or pointers from corrupting register contents.
(3)
The Flash Registers are also protected by the Code Security Module (CSM).
6.3
Register Maps
The devices contain four peripheral register spaces. The spaces are categorized as follows:
Peripheral Frame 0: These are peripherals that are mapped directly to the CPU memory bus.
See Table 6-6.
Peripheral Frame 1: These are peripherals that are mapped to the 32-bit peripheral bus. See
Table 6-7.
Peripheral Frame 2: These are peripherals that are mapped to the 16-bit peripheral bus. See
Table 6-8.
Peripheral Frame 3: McBSP registers are mapped to this. See Table 6-9.
Table 6-6. Peripheral Frame 0 Registers(1)
NAME
ADDRESS RANGE
SIZE (×16)
EALLOW PROTECTED(2)
Device Emulation registers
0x00 0880 to 0x00 0984
261
Yes
System Power Control registers
0x00 0985 to 0x00 0987
3
Yes
FLASH registers(3)
0x00 0A80 to 0x00 0ADF
96
Yes
Code Security Module registers
0x00 0AE0 to 0x00 0AEF
16
Yes
ADC registers (0 wait read only)
0x00 0B00 to 0x00 0B0F
16
No
CPU-TIMER0, CPU-TIMER1, CPU-TIMER2
registers
0x00 0C00 to 0x00 0C3F
64
No
PIE registers
0x00 0CE0 to 0x00 0CFF
32
No
PIE Vector Table
0x00 0D00 to 0x00 0DFF
256
Yes
DMA registers
0x00 1000 to 0x00 11FF
512
Yes
CLA registers
0x00 1400 to 0x00 147F
128
Yes
CLA to CPU Message RAM (CPU writes ignored)
0x00 1480 to 0x00 14FF
128
NA
CPU to CLA Message RAM (CLA writes ignored)
0x00 1500 to 0x00 157F
128
NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com