Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TMS320F28069PFP Datasheet(PDF) 28 Page - Texas Instruments

No. de pieza TMS320F28069PFP
Descripción Electrónicos  Piccolo Microcontrollers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28069PFP Datasheet(HTML) 28 Page - Texas Instruments

Back Button TMS320F28069PFP Datasheet HTML 24Page - Texas Instruments TMS320F28069PFP Datasheet HTML 25Page - Texas Instruments TMS320F28069PFP Datasheet HTML 26Page - Texas Instruments TMS320F28069PFP Datasheet HTML 27Page - Texas Instruments TMS320F28069PFP Datasheet HTML 28Page - Texas Instruments TMS320F28069PFP Datasheet HTML 29Page - Texas Instruments TMS320F28069PFP Datasheet HTML 30Page - Texas Instruments TMS320F28069PFP Datasheet HTML 31Page - Texas Instruments TMS320F28069PFP Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 182 page
background image
28
TMS320F28069, TMS320F28068, TMS320F28067, TMS320F28066
TMS320F28065, TMS320F28064, TMS320F28063, TMS320F28062
SPRS698G – NOVEMBER 2010 – REVISED MAY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320F28069 TMS320F28068 TMS320F28067 TMS320F28066 TMS320F28065
TMS320F28064 TMS320F28063 TMS320F28062
Specifications
Copyright © 2010–2018, Texas Instruments Incorporated
5.5.1
Reducing Current Consumption
The 2806x devices incorporate a method to reduce the device current consumption. Because each
peripheral unit has an individual clock-enable bit, significant reduction in current consumption can be
achieved by turning off the clock to any peripheral module that is not used in a given application.
Furthermore, any one of the three low-power modes could be taken advantage of to reduce the current
consumption even further. Table 5-2 indicates the typical reduction in current consumption achieved by
turning off the clocks.
(1)
All peripheral clocks (except CPU Timer clock) are disabled upon
reset. Writing to or reading from peripheral registers is possible only
after the peripheral clocks are turned on.
(2)
For peripherals with multiple instances, the current quoted is per
module. For example, the 2 mA value quoted for ePWM is for one
ePWM module.
(3)
This number represents the current drawn by the digital portion of
the ADC module. Turning off the clock to the ADC module results in
the elimination of the current drawn by the analog portion of the ADC
(IDDA) as well.
Table 5-2. Typical Current Consumption by Various
Peripherals (at 90 MHz)(1)
PERIPHERAL
MODULE(2)
IDD CURRENT
REDUCTION (mA)
ADC
2(3)
I2C
3
ePWM
2
eCAP
2
eQEP
2
SCI
2
SPI
2
COMP/DAC
1
HRPWM
3
HRCAP
3
USB
12
CPU-TIMER
1
Internal zero-pin oscillator
0.5
CAN
2.5
CLA
20
McBSP
6
NOTE
IDDIO current consumption is reduced by 15 mA (typical) when XCLKOUT is turned off.
NOTE
The baseline IDD current (current when the core is executing a dummy loop with no
peripherals enabled) is 40 mA, typical. To arrive at the IDD current for a given application, the
current-drawn by the peripherals (enabled by that application) must be added to the baseline
IDD current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com