Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TMS320F28069PFP Datasheet(PDF) 46 Page - Texas Instruments

No. de pieza TMS320F28069PFP
Descripción Electrónicos  Piccolo Microcontrollers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28069PFP Datasheet(HTML) 46 Page - Texas Instruments

Back Button TMS320F28069PFP Datasheet HTML 42Page - Texas Instruments TMS320F28069PFP Datasheet HTML 43Page - Texas Instruments TMS320F28069PFP Datasheet HTML 44Page - Texas Instruments TMS320F28069PFP Datasheet HTML 45Page - Texas Instruments TMS320F28069PFP Datasheet HTML 46Page - Texas Instruments TMS320F28069PFP Datasheet HTML 47Page - Texas Instruments TMS320F28069PFP Datasheet HTML 48Page - Texas Instruments TMS320F28069PFP Datasheet HTML 49Page - Texas Instruments TMS320F28069PFP Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 182 page
background image
46
TMS320F28069, TMS320F28068, TMS320F28067, TMS320F28066
TMS320F28065, TMS320F28064, TMS320F28063, TMS320F28062
SPRS698G – NOVEMBER 2010 – REVISED MAY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320F28069 TMS320F28068 TMS320F28067 TMS320F28066 TMS320F28065
TMS320F28064 TMS320F28063 TMS320F28062
Detailed Description
Copyright © 2010–2018, Texas Instruments Incorporated
6.1.8
M0, M1 SARAMs
All devices contain these two blocks of single-access memory, each 1K × 16 in size. The stack pointer
points to the beginning of block M1 on reset. The M0 and M1 blocks, like all other memory blocks on C28x
devices, are mapped to both program and data space. Hence, the user can use M0 and M1 to execute
code or for data variables. The partitioning is performed within the linker. The C28x device presents a
unified memory map to the programmer. This makes for easier programming in high-level languages.
6.1.9
L4 SARAM, and L0, L1, L2, L3, L5, L6, L7, and L8 DPSARAMs
The device contains up to 48K × 16 of single-access RAM. To ascertain the exact size for a given device,
see the device-specific memory map figures in Section 6.2. This block is mapped to both program and
data space. L0 is 2K in size. L1 and L2 are each 1K in size. L3 is 4K in size. L4, L5, L6, L7, and L8 are
each 8K in size. L0, L1, and L2 are shared with the CLA, which can use these blocks for its data space.
L3 is shared with the CLA, which can use this block for its program space. L5, L6, L7, and L8 are shared
with the DMA, which can use these blocks for its data space. DPSARAM refers to the dual-port
configuration of these blocks.
6.1.10 Boot ROM
The Boot ROM is factory-programmed with boot-loading software. Boot-mode signals are provided to tell
the bootloader software what boot mode to use on power up. The user can select to boot normally or to
download new software from an external connection or to select boot software that is programmed in the
internal Flash/ROM. The Boot ROM also contains standard tables, such as SIN/COS waveforms, for use
in math-related algorithms.
Table 6-1. Boot Mode Selection
MODE
GPIO37/TDO
GPIO34/COMP2OUT/
COMP3OUT
TRST
MODE
3
1
1
0
GetMode
2
1
0
0
Wait (see Section 6.1.11 for description)
1
0
1
0
SCI
0
0
0
0
Parallel IO
EMU
x
x
1
Emulation Boot
6.1.10.1 Emulation Boot
When the emulator is connected, the GPIO37/TDO pin cannot be used for boot mode selection. In this
case, the boot ROM detects that an emulator is connected and uses the contents of two reserved SARAM
locations in the PIE vector table to determine the boot mode. If the content of either location is invalid,
then the Wait boot option is used. All boot mode options can be accessed in emulation boot.
6.1.10.2 GetMode
The default behavior of the GetMode option is to boot to flash. This behavior can be changed to another
boot option by programming two locations in the OTP. If the content of either OTP location is invalid, then
boot to flash is used. One of the following loaders can be specified: SCI, SPI, I2C, CAN, or OTP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com