Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TMS320F28069PFP Datasheet(PDF) 53 Page - Texas Instruments

No. de pieza TMS320F28069PFP
Descripción Electrónicos  Piccolo Microcontrollers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28069PFP Datasheet(HTML) 53 Page - Texas Instruments

Back Button TMS320F28069PFP Datasheet HTML 49Page - Texas Instruments TMS320F28069PFP Datasheet HTML 50Page - Texas Instruments TMS320F28069PFP Datasheet HTML 51Page - Texas Instruments TMS320F28069PFP Datasheet HTML 52Page - Texas Instruments TMS320F28069PFP Datasheet HTML 53Page - Texas Instruments TMS320F28069PFP Datasheet HTML 54Page - Texas Instruments TMS320F28069PFP Datasheet HTML 55Page - Texas Instruments TMS320F28069PFP Datasheet HTML 56Page - Texas Instruments TMS320F28069PFP Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 182 page
background image
53
TMS320F28069, TMS320F28068, TMS320F28067, TMS320F28066
TMS320F28065, TMS320F28064, TMS320F28063, TMS320F28062
www.ti.com
SPRS698G – NOVEMBER 2010 – REVISED MAY 2018
Submit Documentation Feedback
Product Folder Links: TMS320F28069 TMS320F28068 TMS320F28067 TMS320F28066 TMS320F28065
TMS320F28064 TMS320F28063 TMS320F28062
Detailed Description
Copyright © 2010–2018, Texas Instruments Incorporated
6.2
Memory Maps
In Figure 6-1 through Figure 6-8, the following apply:
•
Memory blocks are not to scale.
•
Peripheral Frame 0, Peripheral Frame 1, Peripheral Frame 2, and Peripheral Frame 3 memory maps
are restricted to data memory only. A user program cannot access these memory maps in program
space.
•
Protected means the order of Write-followed-by-Read operations is preserved rather than the pipeline
order.
•
Certain memory ranges are EALLOW protected against spurious writes after configuration.
•
Locations 0x3D 7C80–0x3D 7CC0 contain the internal oscillator and ADC calibration routines. These
locations are not programmable by the user.
•
All devices with USB have the USB control registers mapped from 0x4000 to 0x4FFF and 2K ×16 RAM
from 0x40000 to 0x40800. When the clock to the USB module is enabled, this RAM is connected to
the USB controller and acts as the FIFO RAM. When the clock to the USB module is disabled, this
RAM is remapped to the CPU-accessible address space and can be used as general-purpose RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com