Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TMS320F28069PFP Datasheet(PDF) 76 Page - Texas Instruments

No. de pieza TMS320F28069PFP
Descripción Electrónicos  Piccolo Microcontrollers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28069PFP Datasheet(HTML) 76 Page - Texas Instruments

Back Button TMS320F28069PFP Datasheet HTML 72Page - Texas Instruments TMS320F28069PFP Datasheet HTML 73Page - Texas Instruments TMS320F28069PFP Datasheet HTML 74Page - Texas Instruments TMS320F28069PFP Datasheet HTML 75Page - Texas Instruments TMS320F28069PFP Datasheet HTML 76Page - Texas Instruments TMS320F28069PFP Datasheet HTML 77Page - Texas Instruments TMS320F28069PFP Datasheet HTML 78Page - Texas Instruments TMS320F28069PFP Datasheet HTML 79Page - Texas Instruments TMS320F28069PFP Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 182 page
background image
76
TMS320F28069, TMS320F28068, TMS320F28067, TMS320F28066
TMS320F28065, TMS320F28064, TMS320F28063, TMS320F28062
SPRS698G – NOVEMBER 2010 – REVISED MAY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320F28069 TMS320F28068 TMS320F28067 TMS320F28066 TMS320F28065
TMS320F28064 TMS320F28063 TMS320F28062
Detailed Description
Copyright © 2010–2018, Texas Instruments Incorporated
6.6.4
USB and HRCAP PLL Module (PLL2)
In addition to the main system PLL, these devices also contain a second PLL (PLL2) which can be used to
clock the USB and HRCAP peripherals. The PLL supports multipliers of 1 to 15 and has a fixed divide-by-
two on its output.
PLL2 may be clocked from the following three sources by modifying the PLL2CLKSRCSEL bits
appropriately in the PLL2CTL register:
•
INTOSC1 (Internal Zero-pin Oscillator 1): This is the on-chip internal oscillator 1 and provides a 10-
MHz clock. If used as a clock source for HRCAP, the oscillator compensation routine should be called
frequently. Because of accuracy requirements, INTOSC1 cannot be used as a clock source for the
USB.
•
Crystal/Resonator Operation: The (crystal) oscillator enables the use of an external crystal or resonator
attached to the device to provide the time base. The crystal or resonator is connected to the X1/X2
pins.
•
External Clock Source Operation: This mode allows the reference clock to be derived from an external
single-ended clock source connected to either GPIO19 or GPIO38. The XCLKINSEL bit in the XCLK
register should be set appropriately to enable the selected GPIO to drive XCLKIN.
NOTE
For proper operation of the USB module, PLL2 should be configured to generate a 120-MHz
clock. This will be divided by two to yield the desired 60 MHz for the USB peripheral.
HRCAP supports a maximum clock input frequency of 120 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com