Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TMS320F28069PFP Datasheet(PDF) 39 Page - Texas Instruments

No. de pieza TMS320F28069PFP
Descripción Electrónicos  Piccolo Microcontrollers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28069PFP Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMS320F28069PFP Datasheet HTML 35Page - Texas Instruments TMS320F28069PFP Datasheet HTML 36Page - Texas Instruments TMS320F28069PFP Datasheet HTML 37Page - Texas Instruments TMS320F28069PFP Datasheet HTML 38Page - Texas Instruments TMS320F28069PFP Datasheet HTML 39Page - Texas Instruments TMS320F28069PFP Datasheet HTML 40Page - Texas Instruments TMS320F28069PFP Datasheet HTML 41Page - Texas Instruments TMS320F28069PFP Datasheet HTML 42Page - Texas Instruments TMS320F28069PFP Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 182 page
background image
9.6
9.7
9.8
9.9
10
10.1
10.2
10.3
10.4
10.5
10.6
–40
–30
–20
–10
0
10
20
30
40
50
60
70
80
90
100
110
120
Temperature (°C)
Typical
Max
39
TMS320F28069, TMS320F28068, TMS320F28067, TMS320F28066
TMS320F28065, TMS320F28064, TMS320F28063, TMS320F28062
www.ti.com
SPRS698G – NOVEMBER 2010 – REVISED MAY 2018
Submit Documentation Feedback
Product Folder Links: TMS320F28069 TMS320F28068 TMS320F28067 TMS320F28066 TMS320F28065
TMS320F28064 TMS320F28063 TMS320F28062
Specifications
Copyright © 2010–2018, Texas Instruments Incorporated
(1)
In order to achieve better oscillator accuracy (10 MHz ± 1% or better) than shown, refer to the Oscillator Compensation Guide.
(2)
Frequency range ensured only when VREG is enabled, VREGENZ = VSS.
(3)
Output frequency of the internal oscillators follows the direction of both the temperature gradient and voltage (VDD) gradient. For
example:
•
Increase in temperature will cause the output frequency to increase per the temperature coefficient.
•
Decrease in voltage (VDD) will cause the output frequency to decrease per the voltage coefficient.
Table 5-7. Internal Zero-Pin Oscillator (INTOSC1/INTOSC2) Characteristics
PARAMETER
MIN
TYP
MAX
UNIT
Internal zero-pin oscillator 1 (INTOSC1) at 30°C(1)(2)
Frequency
10.000
MHz
Internal zero-pin oscillator 2 (INTOSC2) at 30°C(1)(2)
Frequency
10.000
MHz
Step size (coarse trim)
55
kHz
Step size (fine trim)
14
kHz
Temperature drift(3)
3.03
4.85
kHz/°C
Voltage (VDD) drift
(3)
175
Hz/mV
Figure 5-8. Zero-Pin Oscillator Frequency Movement With Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com