Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TMS320F28069PFP Datasheet(PDF) 49 Page - Texas Instruments

No. de pieza TMS320F28069PFP
Descripción Electrónicos  Piccolo Microcontrollers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28069PFP Datasheet(HTML) 49 Page - Texas Instruments

Back Button TMS320F28069PFP Datasheet HTML 45Page - Texas Instruments TMS320F28069PFP Datasheet HTML 46Page - Texas Instruments TMS320F28069PFP Datasheet HTML 47Page - Texas Instruments TMS320F28069PFP Datasheet HTML 48Page - Texas Instruments TMS320F28069PFP Datasheet HTML 49Page - Texas Instruments TMS320F28069PFP Datasheet HTML 50Page - Texas Instruments TMS320F28069PFP Datasheet HTML 51Page - Texas Instruments TMS320F28069PFP Datasheet HTML 52Page - Texas Instruments TMS320F28069PFP Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 182 page
background image
49
TMS320F28069, TMS320F28068, TMS320F28067, TMS320F28066
TMS320F28065, TMS320F28064, TMS320F28063, TMS320F28062
www.ti.com
SPRS698G – NOVEMBER 2010 – REVISED MAY 2018
Submit Documentation Feedback
Product Folder Links: TMS320F28069 TMS320F28068 TMS320F28067 TMS320F28066 TMS320F28065
TMS320F28064 TMS320F28063 TMS320F28062
Detailed Description
Copyright © 2010–2018, Texas Instruments Incorporated
6.1.13 External Interrupts (XINT1 to XINT3)
The devices support three masked external interrupts (XINT1–XINT3). Each of the interrupts can be
selected for negative, positive, or both negative and positive edge triggering and can also be enabled or
disabled. These interrupts also contain a 16-bit free-running up counter, which is reset to zero when a
valid interrupt edge is detected. This counter can be used to accurately time-stamp the interrupt. There
are no dedicated pins for the external interrupts. XINT1, XINT2, and XINT3 interrupts can accept inputs
from GPIO0–GPIO31 pins.
6.1.14 Internal Zero Pin Oscillators, Oscillator, and PLL
The device can be clocked by either of the two internal zero-pin oscillators, an external oscillator, or by a
crystal attached to the on-chip oscillator circuit. A PLL is provided supporting up to 16 input-clock-scaling
ratios. The PLL ratios can be changed on-the-fly in software, enabling the user to scale back on operating
frequency if lower power operation is desired. Refer to Section 5, Specifications, for timing details. The
PLL block can be set in bypass mode. A second PLL (PLL2) feeds the HRCAP module.
6.1.15 Watchdog
Each device contains two watchdogs: CPU-watchdog that monitors the core and NMI-watchdog that is a
missing clock-detect circuit. The user software must regularly reset the CPU-watchdog counter within a
certain time frame; otherwise, the CPU-watchdog generates a reset to the processor. The CPU-watchdog
can be disabled if necessary. The NMI-watchdog engages only in case of a clock failure and can either
generate an interrupt or a device reset.
6.1.16 Peripheral Clocking
The clocks to each individual peripheral can be enabled or disabled to reduce power consumption when a
peripheral is not in use. Additionally, the system clock to the serial ports (except I2C) can be scaled
relative to the CPU clock.
6.1.17 Low-power Modes
The devices are full static CMOS devices. Three low-power modes are provided:
IDLE:
Places CPU in low-power mode. Peripheral clocks may be turned off selectively and
only those peripherals that must function during IDLE are left operating. An enabled
interrupt from an active peripheral or the watchdog timer will wake the processor from
IDLE mode.
STANDBY: Turns off clock to CPU and peripherals. This mode leaves the oscillator and PLL
functional. An external interrupt event will wake the processor and the peripherals.
Execution begins on the next valid cycle after detection of the interrupt event
HALT:
This mode basically shuts down the device and places it in the lowest possible power-
consumption mode. If the internal zero-pin oscillators are used as the clock source,
the HALT mode turns them off, by default. To keep these oscillators from shutting
down, the INTOSCnHALTI bits in CLKCTL register may be used. The zero-pin
oscillators may thus be used to clock the CPU-watchdog in this mode. If the on-chip
crystal oscillator is used as the clock source, it is shut down in this mode. A reset or
an external signal (through a GPIO pin) or the CPU-watchdog can wake the device
from this mode.
The CPU clock (OSCCLK) and WDCLK should be from the same clock source before attempting to put
the device into HALT or STANDBY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com