Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TMS320F28069PFP Datasheet(PDF) 63 Page - Texas Instruments

No. de pieza TMS320F28069PFP
Descripción Electrónicos  Piccolo Microcontrollers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28069PFP Datasheet(HTML) 63 Page - Texas Instruments

Back Button TMS320F28069PFP Datasheet HTML 59Page - Texas Instruments TMS320F28069PFP Datasheet HTML 60Page - Texas Instruments TMS320F28069PFP Datasheet HTML 61Page - Texas Instruments TMS320F28069PFP Datasheet HTML 62Page - Texas Instruments TMS320F28069PFP Datasheet HTML 63Page - Texas Instruments TMS320F28069PFP Datasheet HTML 64Page - Texas Instruments TMS320F28069PFP Datasheet HTML 65Page - Texas Instruments TMS320F28069PFP Datasheet HTML 66Page - Texas Instruments TMS320F28069PFP Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 182 page
background image
63
TMS320F28069, TMS320F28068, TMS320F28067, TMS320F28066
TMS320F28065, TMS320F28064, TMS320F28063, TMS320F28062
www.ti.com
SPRS698G – NOVEMBER 2010 – REVISED MAY 2018
Submit Documentation Feedback
Product Folder Links: TMS320F28069 TMS320F28068 TMS320F28067 TMS320F28066 TMS320F28065
TMS320F28064 TMS320F28063 TMS320F28062
Detailed Description
Copyright © 2010–2018, Texas Instruments Incorporated
Peripheral Frame 1 and Peripheral Frame 2 are grouped together to enable these blocks to be write/read
peripheral block protected. The protected mode makes sure that all accesses to these blocks happen as
written. Because of the pipeline, a write immediately followed by a read to different memory locations, will
appear in reverse order on the memory bus of the CPU. This can cause problems in certain peripheral
applications where the user expected the write to occur first (as written). The CPU supports a block
protection mode where a region of memory can be protected so that operations occur as written (the
penalty is extra cycles are added to align the operations). This mode is programmable and by default, it
protects the selected zones.
The wait states for the various spaces in the memory map area are listed in Table 6-5.
Table 6-5. Wait States
AREA
WAIT STATES (CPU)
COMMENTS
M0 and M1 SARAMs
0-wait
Fixed
Peripheral Frame 0
0-wait
Peripheral Frame 1
0-wait (writes)
Cycles can be extended by peripheral-generated ready.
2-wait (reads)
Back-to-back write operations to Peripheral Frame 1 registers will incur
a 1-cycle stall (1-cycle delay).
Peripheral Frame 2
0-wait (writes)
Fixed. Cycles cannot be extended by the peripheral.
2-wait (reads)
Peripheral Frame 3
0-wait (writes)
Assumes no conflict between CPU and CLA/DMA cycles. The wait
states can be extended by peripheral-generated ready.
2-wait (reads)
L0–L8 SARAM
0-wait data and program
Assumes no CPU conflicts
OTP
Programmable
Programmed through the Flash registers.
1-wait minimum
1-wait is minimum number of wait states allowed.
FLASH
Programmable
Programmed through the Flash registers.
0-wait Paged min
1-wait Random min
Random
≥ Paged
FLASH Password
16-wait fixed
Wait states of password locations are fixed.
Boot-ROM
0-wait



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com