Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TMS320F28069PFP Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza TMS320F28069PFP
Descripción Electrónicos  Piccolo Microcontrollers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28069PFP Datasheet(HTML) 1 Page - Texas Instruments

  TMS320F28069PFP Datasheet HTML 1Page - Texas Instruments TMS320F28069PFP Datasheet HTML 2Page - Texas Instruments TMS320F28069PFP Datasheet HTML 3Page - Texas Instruments TMS320F28069PFP Datasheet HTML 4Page - Texas Instruments TMS320F28069PFP Datasheet HTML 5Page - Texas Instruments TMS320F28069PFP Datasheet HTML 6Page - Texas Instruments TMS320F28069PFP Datasheet HTML 7Page - Texas Instruments TMS320F28069PFP Datasheet HTML 8Page - Texas Instruments TMS320F28069PFP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 182 page
background image
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TMS320F28069, TMS320F28068, TMS320F28067, TMS320F28066
TMS320F28065, TMS320F28064, TMS320F28063, TMS320F28062
SPRS698G – NOVEMBER 2010 – REVISED MAY 2018
TMS320F2806x Piccolo™ Microcontrollers
1
Device Overview
1
1.1
Features
1
• High-Efficiency 32-Bit CPU (TMS320C28x)
– 90 MHz (11.11-ns Cycle Time)
– 16 × 16 and 32 × 32 Multiply and Accumulate
(MAC) Operations
– 16 × 16 Dual MAC
– Harvard Bus Architecture
– Atomic Operations
– Fast Interrupt Response and Processing
– Unified Memory Programming Model
– Code-Efficient (in C/C++ and Assembly)
• Floating-Point Unit (FPU)
– Native Single-Precision Floating-Point
Operations
• Programmable Control Law Accelerator (CLA)
– 32-Bit Floating-Point Math Accelerator
– Executes Code Independently of the Main CPU
• Viterbi, Complex Math, CRC Unit (VCU)
– Extends C28x Instruction Set to Support
Complex Multiply, Viterbi Operations, and Cyclic
Redundency Check (CRC)
• Embedded Memory
– Up to 256KB of Flash
– Up to 100KB of RAM
– 2KB of One-Time Programmable (OTP) ROM
• 6-Channel Direct Memory Access (DMA)
• Low Device and System Cost
– Single 3.3-V Supply
– No Power Sequencing Requirement
– Integrated Power-on Reset and Brownout Reset
– Low-Power Operating Modes
– No Analog Support Pin
• Endianness: Little Endian
• JTAG Boundary Scan Support
– IEEE Standard 1149.1-1990 Standard Test
Access Port and Boundary Scan Architecture
• Clocking
– Two Internal Zero-Pin Oscillators
– On-Chip Crystal Oscillator/External Clock Input
– Watchdog Timer Module
– Missing Clock Detection Circuitry
• Peripheral Interrupt Expansion (PIE) Block That
Supports All Peripheral Interrupts
• Three 32-Bit CPU Timers
• Advanced Control Peripherals
• Up to 8 Enhanced Pulse-Width Modulator (ePWM)
Modules
– 16 PWM Channels Total (8 HRPWM-Capable)
– Independent 16-Bit Timer in Each Module
• Three Input Enhanced Capture (eCAP) Modules
• Up to 4 High-Resolution Capture (HRCAP)
Modules
• Up to 2 Enhanced Quadrature Encoder Pulse
(eQEP) Modules
• 12-Bit Analog-to-Digital Converter (ADC), Dual
Sample-and-Hold (S/H)
– Up to 3.46 MSPS
– Up to 16 Channels
• On-Chip Temperature Sensor
• 128-Bit Security Key and Lock
– Protects Secure Memory Blocks
– Prevents Reverse-Engineering of Firmware
• Serial Port Peripherals
– Two Serial Communications Interface (SCI)
[UART] Modules
– Two Serial Peripheral Interface (SPI) Modules
– One Inter-Integrated-Circuit (I2C) Bus
– One Multichannel Buffered Serial Port (McBSP)
Bus
– One Enhanced Controller Area Network (eCAN)
– Universal Serial Bus (USB) 2.0
(see Device Comparison Table for Availability)
– Full-Speed Device Mode
– Full-Speed or Low-Speed Host Mode
• Up to 54 Individually Programmable, Multiplexed
General-Purpose Input/Output (GPIO) Pins With
Input Filtering
• Advanced Emulation Features
– Analysis and Breakpoint Functions
– Real-Time Debug Through Hardware
• Package Options
– 80-Pin PFP and 100-Pin PZP PowerPAD™
Thermally Enhanced Thin Quad Flatpacks
(HTQFPs)
– 80-Pin PN and 100-Pin PZ Low-Profile Quad
Flatpacks (LQFPs)
• Temperature Options
– T: –40°C to 105°C
– S: –40°C to 125°C
– Q: –40°C to 125°C (AEC Q100 Qualification for
Automotive Applications)


Número de pieza similar - TMS320F28069PFP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMS320F28069PFP TI1-TMS320F28069PFP Datasheet
2Mb / 177P
Fast Interrupt Response and Processing
TMS320F28069PFP TI1-TMS320F28069PFP Datasheet
2Mb / 177P
Piccolo Microcontrollers
TMS320F28069PFP TI-TMS320F28069PFP Datasheet
3Mb / 181P
TMS320F2806x Microcontrollers
TMS320F28069PFP TI-TMS320F28069PFP Datasheet
4Mb / 185P
TMS320F2806x Microcontrollers
TMS320F28069PFP TI2-TMS320F28069PFP Datasheet
5Mb / 204P
TMS320F2806x Real-Time Microcontrollers
REVISED SEPTEMBER 2021
More results

Descripción similar - TMS320F28069PFP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMS320F28030 TI-TMS320F28030 Datasheet
1Mb / 157P
Piccolo Microcontrollers
TMS320F28069_1107 TI1-TMS320F28069_1107 Datasheet
1Mb / 172P
Piccolo Microcontrollers
TMS320F28069 TI1-TMS320F28069_14 Datasheet
1Mb / 175P
Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_14 Datasheet
1Mb / 132P
Piccolo??Microcontrollers
TMS320F28027 TI1-TMS320F28027_16 Datasheet
1Mb / 138P
Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_17 Datasheet
1Mb / 138P
Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_18 Datasheet
2Mb / 217P
Piccolo Microcontrollers
TMS320F280049_0018 TI1-TMS320F280049_0018 Datasheet
3Mb / 224P
Piccolo Microcontrollers
TMS320F280049_1808 TI1-TMS320F280049_1808 Datasheet
3Mb / 224P
Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_V01 Datasheet
3Mb / 227P
Piccolo Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com