Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32G431VB Datasheet(PDF) 134 Page - STMicroelectronics

No. de pieza STM32G431VB
Descripción Electrónicos  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431VB Datasheet(HTML) 134 Page - STMicroelectronics

Back Button STM32G431VB Datasheet HTML 130Page - STMicroelectronics STM32G431VB Datasheet HTML 131Page - STMicroelectronics STM32G431VB Datasheet HTML 132Page - STMicroelectronics STM32G431VB Datasheet HTML 133Page - STMicroelectronics STM32G431VB Datasheet HTML 134Page - STMicroelectronics STM32G431VB Datasheet HTML 135Page - STMicroelectronics STM32G431VB Datasheet HTML 136Page - STMicroelectronics STM32G431VB Datasheet HTML 137Page - STMicroelectronics STM32G431VB Datasheet HTML 138Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 198 page
background image
Electrical characteristics
STM32G431x6 STM32G431x8 STM32G431xB
134/198
DS12589 Rev 6
TW_to_W
Minimal time between two
consecutive writes into the
DAC_DORx register to
guarantee a correct
DAC_OUT for a small
variation of the input code
(1 LSB)
DAC_MCR:MODEx[2:0] =
000 or 001
DAC_MCR:MODEx[2:0] =
010 or 011
CL ≤ 50 pF, RL ≥ 5 kΩ
CL ≤ 10 pF
1
1.4
--
µs
tSAMP
Sampling time in sample
and hold mode (code
transition between the
lowest input code and the
highest input code when
DACOUT reaches final
value ±1LSB)
DAC_OUT
pin connected
DAC output buffer
ON, CSH = 100 nF
-0.7
3.5
ms
DAC output buffer
OFF, CSH = 100 nF
-10.5
18
DAC_OUT
pin not
connected
(internal
connection
only)
DAC output buffer
OFF
-2
3.5
µs
Ileak
Output leakage current
Sample and hold mode,
DAC_OUT pin connected
--
-(3)
nA
CIint
Internal sample and hold
capacitor
-
5.2
7
8.8
pF
tTRIM
Middle code offset trim time DAC output buffer ON
50
-
-
µs
Voffset
Middle code offset for 1 trim
code step
VREF+ = 3.6 V
-
1500
-
µV
VREF+ = 1.8 V
-
750
-
IDDA(DAC)
DAC consumption from
VDDA
DAC output
buffer ON
No load, middle
code (0x800)
-
315
500
µA
No load, worst code
(0xF1C)
-
450
670
DAC output
buffer OFF
No load, middle
code (0x800)
--
0.2
Sample and hold mode, CSH =
100 nF
-
315 ₓ
Ton/(Ton
+Toff)
(4)
670 ₓ
Ton/(Ton
+Toff)
(4)
Table 68. DAC 1MSPS characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com