Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32G431VB Datasheet(PDF) 136 Page - STMicroelectronics

No. de pieza STM32G431VB
Descripción Electrónicos  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431VB Datasheet(HTML) 136 Page - STMicroelectronics

Back Button STM32G431VB Datasheet HTML 132Page - STMicroelectronics STM32G431VB Datasheet HTML 133Page - STMicroelectronics STM32G431VB Datasheet HTML 134Page - STMicroelectronics STM32G431VB Datasheet HTML 135Page - STMicroelectronics STM32G431VB Datasheet HTML 136Page - STMicroelectronics STM32G431VB Datasheet HTML 137Page - STMicroelectronics STM32G431VB Datasheet HTML 138Page - STMicroelectronics STM32G431VB Datasheet HTML 139Page - STMicroelectronics STM32G431VB Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 198 page
background image
Electrical characteristics
STM32G431x6 STM32G431x8 STM32G431xB
136/198
DS12589 Rev 6
.
Table 69. DAC 1MSPS accuracy(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
DNL
Differential non
linearity (2)
DAC output buffer ON
-
-
±2
LSB
DAC output buffer OFF
-
-
±2
-
monotonicity
10 bits
Guaranteed
INL
Integral non
linearity(3)
DAC output buffer ON
CL ≤ 50 pF, RL ≥ 5 kΩ
--
±4
DAC output buffer OFF
CL ≤ 50 pF, no RL
--
±4
Offset
Offset error at
code 0x800(3)
DAC output buffer ON
CL ≤ 50 pF, RL ≥ 5 kΩ
VREF+ = 3.6 V
-
-
±12
VREF+ = 1.8 V
-
-
±25
DAC output buffer OFF
CL ≤ 50 pF, no RL
--
±8
Offset1
Offset error at
code 0x001(4)
DAC output buffer OFF
CL ≤ 50 pF, no RL
--
±5
OffsetCal
Offset Error at
code 0x800
after calibration
DAC output buffer ON
CL ≤ 50 pF, RL ≥ 5 kΩ
VREF+ = 3.6 V
-
-
±5
VREF+ = 1.8 V
-
-
±7
Gain
Gain error(5)
DAC output buffer ON
CL ≤ 50 pF, RL ≥ 5 kΩ
--
±0.5
%
DAC output buffer OFF
CL ≤ 50 pF, no RL
--
±0.5
TUE
Total
unadjusted
error
DAC output buffer ON
CL ≤ 50 pF, RL ≥ 5 kΩ
--
±30
LSB
DAC output buffer OFF
CL ≤ 50 pF, no RL
--
±12
TUECal
Total
unadjusted
error after
calibration
DAC output buffer ON
CL ≤ 50 pF, RL ≥ 5 kΩ
--
±23
LSB
SNR
Signal-to-noise
ratio
DAC output buffer ON
CL ≤ 50 pF, RL ≥ 5 kΩ
1 kHz, BW 500 kHz
-71.2
-
dB
DAC output buffer OFF
CL ≤ 50 pF, no RL, 1 kHz
BW 500 kHz
-71.6
-
THD
Total harmonic
distortion
DAC output buffer ON
CL ≤ 50 pF, RL ≥ 5 kΩ, 1 kHz
--78
-
dB
DAC output buffer OFF
CL ≤ 50 pF, no RL, 1 kHz
--79
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com