Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32G431VB Datasheet(PDF) 135 Page - STMicroelectronics

No. de pieza STM32G431VB
Descripción Electrónicos  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431VB Datasheet(HTML) 135 Page - STMicroelectronics

Back Button STM32G431VB Datasheet HTML 131Page - STMicroelectronics STM32G431VB Datasheet HTML 132Page - STMicroelectronics STM32G431VB Datasheet HTML 133Page - STMicroelectronics STM32G431VB Datasheet HTML 134Page - STMicroelectronics STM32G431VB Datasheet HTML 135Page - STMicroelectronics STM32G431VB Datasheet HTML 136Page - STMicroelectronics STM32G431VB Datasheet HTML 137Page - STMicroelectronics STM32G431VB Datasheet HTML 138Page - STMicroelectronics STM32G431VB Datasheet HTML 139Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 198 page
background image
DS12589 Rev 6
135/198
STM32G431x6 STM32G431x8 STM32G431xB
Electrical characteristics
160
Figure 30. 12-bit buffered / non-buffered DAC
1. The DAC integrates an output buffer to reduce the output impedance and to drive external loads directly
without the use of an external operational amplifier. The buffer can be bypassed by configuring the BOFFx
bit in the DAC_CR register.
IDDV(DAC)
DAC consumption from
VREF+
DAC output
buffer ON
No load, middle
code (0x800)
-
185
240
µA
No load, worst code
(0xF1C)
-
340
400
DAC output
buffer OFF
No load, middle
code (0x800)
-
155
205
Sample and hold mode, buffer ON,
CSH = 100 nF, worst case
-
185 ₓ
Ton/(Ton
+Toff)
(4)
400 ₓ
Ton/(Ton
+Toff)
(4)
Sample and hold mode, buffer OFF,
CSH = 100 nF, worst case
-
155 ₓ
Ton/(Ton
+Toff)
(4)
205 ₓ
Ton/(Ton
+Toff)
(4)
1. Guaranteed by design.
2. In buffered mode, the output can overshoot above the final value for low input code (starting from min value).
3. Refer to Table 53: I/O static characteristics.
4. Ton is the Refresh phase duration. Toff is the Hold phase duration. Refer to the reference manual RM0440 "STM32G4
Series advanced Arm®-based 32-bit MCUs" for more details.
Table 68. DAC 1MSPS characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
(1)
Buffer
12-bit
digital to
analog
converter
Buffered/non-buffered DAC
DACx_OUT
RLOAD
CLOAD
ai17157d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com