Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U073HBU6 Datasheet(PDF) 45 Page - STMicroelectronics

No. de pieza STM32U073HBU6
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073HBU6 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STM32U073HBU6 Datasheet HTML 41Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 42Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 43Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 44Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 45Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 46Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 47Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 48Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 146 page
background image
Symbol Parameter
Conditions
Min
Max
Unit
USB not used
3.6
V
0
VIN
I/O input voltage
TT_xx I/Os
-0.3
VDDIOx + 0.3
V
All I/Os except TT_xx pins
-0.3
Min(Min(VDD, VDDA,
VDDUSB) + 3.6, 5.5)(2)(3)
TA
Ambient temperature for suffix 6
Maximum power
dissipation
-40
85
°C
Low-power dissipation(4)
105
Ambient temperature for suffix 3
Maximum power
dissipation
125
Low-power dissipation(4)
130
TJ
Junction temperature range
Suffix 6 version
-40
105
Suffix 3 version
130
1. When RESET is released, the functionality is guaranteed down to VBOR0 min.
2. This formula has to be applied only on the power supplies related to the I/O structure described by the pin definition table. The maximum I/O
input voltage is the smallest value between Min (VDD, VDDA, VDDUSB) + 3.6 V and 5.5 V.
3. For operation with voltage higher than Min (VDD, VDDA, VDDUSB) + 0.3 V, the internal pull
‑up and pull‑down resistors must be disabled.
4. In low
‑power dissipation state, TA can be extended to this range as long as TJ does not exceed TJ max (see Section 7.10: Package thermal
characteristics).
6.3.2
Operating conditions at power-up / power-down
The parameters given in Table 23 are derived from tests performed under the ambient temperature condition
summarized in Section 6.3.1: General operating conditions.
Table 23. Operating conditions at power-up / power-down
Symbol
Parameter
Conditions
Min
Max
Unit
tVDD
VDD rise time rate
-
0
∞
µs/V
VDD fall time rate
ULPEN = 0
10
∞
ULPEN = 1
100
∞
ms/V
tVDDA
VDDA rise time rate
-
0
∞
µs/V
VDDA fall time rate
10
∞
tVDDUSB
VDDUSB rise time rate
-
0
∞
µs/V
VDDUSB fall time rate
-
10
∞
6.3.3
Embedded reset and power control block characteristics
The parameters given in Table 24. Embedded reset and power control block characteristics are derived from tests
performed under the ambient temperature conditions summarized in Section 6.3.1: General operating conditions.
Table 24. Embedded reset and power control block characteristics
Symbol
Parameter
Conditions(1)
Min Typ Max Unit
tRSTTEMPO(2)
Reset temporization after BOR0 is detected
VDD rising
-
250
400
μs
VBOR0(2)
Brownout reset threshold 0
Rising edge
1.62 1.66
1.7
V
Falling edge
1.6 1.64 1.69
VBOR1
Brownout reset threshold 1
Rising edge
2.06 2.1
2.14
V
Falling edge
1.96
2
2.04
STM32U073x8/B/C
Electrical characteristics
DS14548 - Rev 2
page 45/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com