Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U073HBU6 Datasheet(PDF) 85 Page - STMicroelectronics

No. de pieza STM32U073HBU6
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073HBU6 Datasheet(HTML) 85 Page - STMicroelectronics

Back Button STM32U073HBU6 Datasheet HTML 81Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 82Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 83Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 84Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 85Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 86Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 87Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 88Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 146 page
background image
Symbol
Parameter
Conditions
Min
Max Unit
VOL(3)
V
Output low level voltage for an I/O pin
PC13, PC14 and PC15
|IIO| = 3 mA
VDDIOx ≥ 2.7 V
-
0.07
VOH(3) Output high level voltage for an I/O pin
VDDIOx - 0.35
-
VOL(3)
Output low level voltage for an I/O pin
|IIO = 20 mA(4)
VDDIOx ≥ 2.7 V
-
1.3
VOH(3) Output high level voltage for an I/O pin
VDDIOx - 1.3
-
VOL(3)
Output low level voltage for an I/O pin
|IIO| = 4 mA(2)
VDDIOx ≥ 1.62 V
-
0.45
VOH(3) Output high level voltage for an I/O pin
VDDIOx - 0.45
-
VOLFM+
(3)
Output low level voltage for an FT I/O pin in FM+ mode (FT I/O with "f" option)
|IIO| = 20 mA
VDDIOx ≥ 2.7 V
-
0.4
|IIO| = 10 mA
VDDIOx ≥ 1.62 V
-
0.4
1. TTL and CMOS outputs are compatible with JEDEC standards JESD36 and JESD52.
2. PC13, PC14 and PC15 are tested/characterized at their maximum current of 3 mA.
3. Specified by design, not tested in production.
4. Not applicable to PC13, PC14 and PC15.
Input/output AC characteristics
The definition and values of input/output AC characteristics are given in Figure 24. I/O AC characteristics
definition and Table 66. I/O AC characteristics, respectively.
Unless otherwise specified, the parameters given are derived from tests performed under the ambient
temperature and supply voltage conditions summarized in Section 6.3.1: General operating conditions.
Table 66. I/O AC characteristics
1. The I/O speed is configured using the OSPEEDRy[1:0] bits. The Fm+ mode is configured in the SYSCFG_CFGR1 register. Refer to the
RM0503 reference manual for a description of GPIO Port configuration register.
2. Specified by design, not tested in production.
Speed
Symbol
Parameter
Conditions
Min
Max
Unit
00
Fmax
Maximum frequency
C=50 pF, 2.7 V≤VDDIOx≤3.6 V
-
5
MHz
C=50 pF, 1.62 V≤VDDIOx≤2.7 V
-
1
C=10 pF, 2.7 V≤VDDIOx≤3.6 V
-
10
C=10 pF, 1.62 V≤VDDIOx≤2.7 V
-
1.5
Tr/Tf
Output rise and fall time
C=50 pF, 2.7 V≤VDDIOx≤3.6 V
-
25
ns
C=50 pF, 1.62 V≤VDDIOx≤2.7 V
-
52
C=10 pF, 2.7 V≤VDDIOx≤3.6 V
-
17
C=10 pF, 1.62 V≤VDDIOx≤2.7 V
-
37
01
Fmax
Maximum frequency
C=50 pF, 2.7 V≤VDDIOx≤3.6 V
-
25
MHz
C=50 pF, 1.62 V≤VDDIOx≤2.7 V
-
10
C=10 pF, 2.7 V≤VDDIOx≤3.6 V
-
50
C=10 pF, 1.62 V≤VDDIOx≤2.7 V
-
15
Tr/Tf
Output rise and fall time
C=50 pF, 2.7 V≤VDDIOx≤3.6 V
-
9
ns
C=50 pF, 1.62 V≤VDDIOx≤2.7 V
-
16
C=10 pF, 2.7 V≤VDDIOx≤3.6 V
-
4.5
C=10 pF, 1.62 V≤VDDIOx≤2.7 V
-
9
STM32U073x8/B/C
Electrical characteristics
DS14548 - Rev 2
page 85/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com