Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U073HBU6 Datasheet(PDF) 75 Page - STMicroelectronics

No. de pieza STM32U073HBU6
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073HBU6 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button STM32U073HBU6 Datasheet HTML 71Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 72Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 73Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 74Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 75Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 76Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 77Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 78Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 146 page
background image
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fMSI
MSI frequency after factory
calibration, done at VDD = 3 V
and TA = 30 °C
PLL mode
XTAL = 32.768 kHz
Range 6
MHz
-
3.998
-
Range 7
-
7.995
-
Range 8
-
15.991
-
Range 9
-
23.986
-
Range 10
-
32.014
-
Range 11
-
48.005
-
∆TEMP(MSI)(1)
MSI oscillator frequency drift
over temperature
MSI mode
TA = 0 to 85 °C
-3.5
-
3
%
TA = -40 to 125 °C
-8
-
6
∆VDD(MSI)(1)
MSI oscillator frequency drift
over VDD (reference is 3 V)
MSI mode
Range 0 to 3
VDD = 1.62 V to
3.6 V
-1.2
-
0.5
%
VDD = 2.4 V to
3.6 V
-0.5
-
Range 4 to 7
VDD = 1.62 V to
3.6 V
-2.5
-
0.7
VDD = 2.4 V to
3.6 V
-0.8
-
Range 8 to 11
VDD = 1.62 V to
3.6 V
-5
-
1.2
VDD = 2.4 V to
3.6 V
-1.6
-
∆FSAMPLING
(MSI)(1)(5)
Frequency variation in sampling
mode(2)
MSI mode
TA = -40 to 85 °C
-
1
2
%
TA = -40 to 125 °C
-
2
4
P_USB
Jitter(MSI)(5)
Period jitter for USB clock(3)
PLL mode
Range 11
for next
transition
-
-
-
3.458
ns
for paired
transition
-
-
-
3.916
MT_USB
Jitter(MSI)(5)
Medium term jitter for USB
clock(4)
PLL mode
Range 11
for next
transition
-
-
-
2
ns
for paired
transition
-
-
-
1
CC jitter(MSI)(5)
RMS cycle-to-cycle jitter
PLL mode Range 11
-
-
60
-
ps
P jitter(MSI)(5)
RMS Period jitter
PLL mode Range 11
-
-
50
-
ps
tSU(MSI)(5)
MSI oscillator start-up time
Range 0
-
-
10
20
μs
Range 1
-
-
5
10
Range 2
-
-
4
8
Range 3
-
-
3
7
Range 4 to 7
-
-
3
6
Range 8 to 11
-
-
2.5
6
tSTAB(MSI)(5)
MSI oscillator stabilization time
PLL mode
Range 11
10 % of final
frequency
-
-
0.25
0.5
ms
5 % of final
frequency
-
-
0.5
1.25
1 % of final
frequency
-
-
-
2.5
IDD(MSI)(5)
MSI oscillator power
consumption
MSI and
PLL mode
Range 0
-
-
0.6
1
µA
STM32U073x8/B/C
Electrical characteristics
DS14548 - Rev 2
page 75/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com