Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U073HBU6 Datasheet(PDF) 9 Page - STMicroelectronics

No. de pieza STM32U073HBU6
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073HBU6 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STM32U073HBU6 Datasheet HTML 5Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 6Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 7Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 8Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 9Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 10Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 11Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 12Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 146 page
background image
The embedded SRAM is split between two regions, as follows:
•
SRAM1: 32 Kbytes with hardware parity check, mapped at address 0x2000 0000
•
SRAM2: 8 Kbytes with hardware parity check, located at address 0x1000 0000
SRAM2 is also mapped at address 0x2000 8000, offering a contiguous address space with SRAM1
(8 Kbytes aliased by bit band).
The content of SRAM2 is retained in Standby mode.
It is write-protected with a 1-Kbyte granularity.
The memory can be read/write-accessed at CPU clock speed, with 0 wait states.
3.5
Boot modes
At startup, the boot pin and boot selector option bit are used to select one of the three boot options:
•
Boot from user flash memory
•
Boot from system memory
•
Boot from embedded SRAM
The boot pin is shared with a standard GPIO and can be enabled through the boot selector option bit. The boot
loader is located in system memory. It manages the flash memory reprogramming through one of the following
interfaces:
•
USART on pins PA9/PA10, PC10/PC11, or PA2/PA3
•
I2C-bus on pins PB6/PB7 or PB10/PB11
•
SPI on pins PA4/PA5/PA6/PA7 or PB12/PB13/PB14/PB15
•
USB on pins PA11/12
3.6
Power supply management
3.6.1
Power supply schemes
The STM32U073x8/B/C devices require a 1.71 to 3.6 V operating supply voltage (VDD).
Several different power supplies are provided to specific peripherals:
•
VDD = 1.71 to 3.6 V: external power supply for I/Os (VDDIO1), the internal regulator and the system analog
such as reset, power management and internal clocks. It is provided externally through VDD pins.
•
VDDA = 1.62 V (ADC/COMP)/1.80 V (DAC/OPAMP)/2.4 V (VREFBUF) to 3.6 V: external analog power
supply for ADC, OPAMP, DAC, and comparator. The VDDA voltage level is independent from the VDD
voltage.
•
VDDUSB = 3.0 to 3.6 V: external independent power supply for USB transceivers. The VDDUSB voltage level
is independent from the VDD voltage.
•
VBAT = 1.55 to 3.6 V: power supply for RTC, external clock 32 kHz oscillator and backup registers (through
power switch) when VDD is not present. When VBAT pin is not available on the package, VBAT pad is
internally bonded to VDD/VDDA pin.
•
VREF+ is the analog peripheral input reference voltage, or the output of the internal voltage reference buffer
(when enabled). When VDDA < 2 V, VREF+ must be equal to VDDA. When VDDA ≥ 2 V, VREF+ must be
between 2 V and VDDA. It can be grounded when the analog peripherals using VREF+ are not active.
The internal voltage reference buffer supports two output voltages, which is configured with VRS bit of the
VREFBUF_CSR register:
–
VREF+ around 2.048 V (requiring VDDA equal to or higher than 2.4 V)
–
VREF+ around 2.5 V (requiring VDDA equal to or higher than 2.8 V)
VREF+ is delivered through VREF+ pin. On packages without VREF+ pin, VREF+ is internally connected to
VDDA, and the internal voltage reference buffer must be kept disabled (refer to datasheets for package
pinout description).
•
VCORE
An embedded linear voltage regulator is used to supply the VCORE internal digital power. VCORE is the
power supply for digital peripherals, SRAM and flash memory. The flash memory is also supplied with VDD.
STM32U073x8/B/C
Functional overview
DS14548 - Rev 2
page 9/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com