Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U073HBU6 Datasheet(PDF) 69 Page - STMicroelectronics

No. de pieza STM32U073HBU6
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073HBU6 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button STM32U073HBU6 Datasheet HTML 65Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 66Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 67Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 68Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 69Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 70Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 71Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 72Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 146 page
background image
Symbol
Parameter
Conditions
Typ Max
Unit
tWUSTOP0
Wake up time from Stop 0 mode to Run mode
in flash
Range 1 or range 2
Wake-up clock MSI = 1 MHz
µs
33.0 36.0
Wake up time from Stop 0 mode to Run mode
in SRAM1
Range 1 or range 2
Wake-up clock MSI =
24 MHz
1.92 2.30
Wake-up clock HSI16 =
16 MHz
1.90 2.00
Wake-up clock MSI = 1 MHz
19.0 22.0
tWUSTOP1
Wake up time from Stop 1 mode to Run in
flash
Range 1 or range 2
Wake-up clock MSI =
24 MHz
11.5 17.5
µs
Wake-up clock HSI16 =
16 MHz
11.0 13.5
Wake-up clock MSI = 1 MHz
35.0 38.4
Wake up time from Stop 1 mode to Run mode
in SRAM1
Range 1 or range 2
Wake-up clock MSI =
24 MHz
7.2 13.0
Wake-up clock HSI16 =
16 MHz
6.9
8.8
Wake-up clock MSI = 1 MHz
21.9 25.0
tWUSTOP2
Wake up time from Stop 2 mode to Run mode
in flash
Range 1 or range 2
Wake-up clock MSI =
24 MHz
12.0 16.5
µs
Wake-up clock HSI16 =
16 MHz
13.4 17.0
Wake-up clock MSI = 1 MHz
40.0 43.5
Wake up time from Stop 2 mode to Run mode
in SRAM1
Range 1 or range 2
Wake-up clock MSI =
24 MHz
7.67 12.0
Wake-up clock HSI16 =
16 MHz
11.0 17.0
Wake-up clock MSI = 1 MHz
26.0 29.0
tWUSTBY
Wake-up time from Standby mode to Run
mode
Range 1
Wake-up clock MSI = 4 MHz
62.0 67.0
µs
Wake-up clock MSI = 1 MHz
63.0 67.0
tWUSHDN
Wake-up time from Shutdown mode to Run
mode
Range 1
Wake-up clock MSI = 4 MHz
292 360
μs
Table 46. Regulator mode transition times
Evaluated by characterization, not tested in production.
Symbol
Parameter
Conditions
Typ Max Unit
tWULPRUN Wake-up time from Low-power run mode to Run mode(1)
Code run with MSI 2 MHz
5
7
μs
tVOST
Regulator transition time from Range 2 to Range 1 or Range 1 to Range 2(2)
Code run with MSI 16 MHz
20
40
1. Time until REGLPF flag is cleared in PWR_SR2.
2. Time until VOSF flag is cleared in PWR_SR2.
Table 47. Wake-up time using USART/LPUART
Evaluated by characterization, not tested in production.
Symbol
Parameter
Conditions
Typ Max Unit
tWUUSART
tWULPUART
Wake-up time needed to calculate the maximum USART/LPUART baud rate
allowing to wake up up from stop mode when USART/LPUART clock source is HSI
Stop 0 mode
-
1.7
µs
Stop 1 mode and Stop 2
mode
-
8.5
STM32U073x8/B/C
Electrical characteristics
DS14548 - Rev 2
page 69/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com