Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U073HBU6 Datasheet(PDF) 95 Page - STMicroelectronics

No. de pieza STM32U073HBU6
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073HBU6 Datasheet(HTML) 95 Page - STMicroelectronics

Back Button STM32U073HBU6 Datasheet HTML 91Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 92Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 93Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 94Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 95Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 96Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 97Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 98Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 146 page
background image
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
RL
Resistive load
DAC output buffer ON
connected to VDDA
kΩ
25
-
-
RO
Output Impedance
DAC output buffer OFF
9.6
11.7
13.8
kΩ
RBON
Output impedance sample and hold
mode, output buffer ON
VDD = 2.7 V
-
-
2
kΩ
VDD = 2.0 V
-
-
3.5
RBOFF
Output impedance sample and hold
mode, output buffer OFF
VDD = 2.7 V
-
-
16.5
kΩ
VDD = 2.0 V
-
-
18.0
CL
Capacitive load
DAC output buffer ON
-
-
50
pF
CSH
Sample and hold mode
-
0.1
1
µF
VDAC_OUT Voltage on DAC_OUT output
DAC output buffer ON
0.2
-
VREF+
- 0.2
V
DAC output buffer OFF
0
-
VREF+
tSETTLING
Settling time (full scale: for a 12-bit
code transition between the lowest
and the highest input codes when
DAC_OUT reaches final value
±0.5LSB, ±1 LSB, ±2 LSB, ±4 LSB,
±8 LSB)
Normal mode
DAC output buffer ON
CL ≤ 50 pF,
RL ≥ 5 kΩ
±0.5 LSB
-
1.7
3
µs
±1 LSB
-
1.6
2.9
±2 LSB
-
1.55
2.85
±4 LSB
-
1.48
2.8
±8 LSB
-
1.4
2.75
Normal mode DAC output buffer OFF, ±1LSB, CL
= 10 pF
-
2
2.5
tWAKEUP(1)
Wake-up time from off state (setting
the ENx bit in the DAC Control
register) until final value ±1 LSB
Normal mode DAC output buffer ON
CL ≤ 50 pF, RL ≥ 5 kΩ
-
4.2
7.5
µs
Normal mode DAC output buffer OFF, CL ≤ 10 pF
-
2
5
PSRR
VDDA supply rejection ratio
Normal mode DAC output buffer ON
CL ≤ 50 pF, RL = 5 kΩ, DC
-
-80
-28
dB
TW_to_W
Minimum time between two
consecutive writes into the
DAC_DORx register to guarantee a
correct DAC_OUT for a small
variation of the input code (1 LSB)
DAC_MCR:MODEx[2:0] = 000 or 001
CL ≤ 50 pF; RL ≥ 5 kΩ
1
-
-
µs
DAC_MCR:MODEx[2:0] = 010 or 011
CL ≤ 10 pF
1.4
-
-
tSAMP
Sampling time in sample and hold
mode (code transition between the
lowest input code and the highest
input code when DACOUT reaches
final value ±1LSB)
DAC_OUT pin connected
DAC output buffer ON,
CSH = 100 nF
-
0.7
3.5
ms
DAC output buffer
OFF, CSH = 100 nF
-
10.5
18
DAC_OUT pin not
connected (internal
connection only)
DAC output buffer
OFF
-
2
3.5
µs
Ileak
Output leakage current
Sample and hold mode,
DAC_OUT pin connected
-
-
-(2)
nA
CIint
Internal sample and hold capacitor
-
5.2
7
8.8
pF
tTRIM
Middle code offset trim time
DAC output buffer ON
50
-
-
µs
Voffset
Middle code offset for 1 trim code
step
VREF+ = 3.6 V
-
1500
-
µV
VREF+ = 1.8 V
-
750
-
IDDA(DAC) DAC consumption from VDDA
DAC output buffer ON
No load, middle code
(0x800)
-
315
500
µA
No load, worst code
(0xF1C)
-
450
670
STM32U073x8/B/C
Electrical characteristics
DS14548 - Rev 2
page 95/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com