Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U073HBU6 Datasheet(PDF) 60 Page - STMicroelectronics

No. de pieza STM32U073HBU6
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073HBU6 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STM32U073HBU6 Datasheet HTML 56Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 57Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 58Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 59Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 60Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 61Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 62Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 63Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 146 page
background image
Symbol
Parameter
Conditions
Typ
Max
Unit
-
-
VDD 25 °C 55 °C 85 °C 105 °C
125
°C
30 °C 55 °C 85 °C
105
°C
130 °C
IDD (Stop 1)
Supply current in Stop 1 mode,
RTC enabled
RTC clocked by LSE quartz in
low-drive mode, LCD disabled
EN_ULP = 0
LPCAL = 1
3.6 V
μA
3.65
11.0
40.5
93.5
215
9.10
29.0
100
235
5350
EN_ULP = 1
LPCAL = 1
1.8 V 3.40
11.0
39.5
91.5
190
9.00
27.5
100
230
4800
2.4 V 3.40
11.0
39.5
92.0
210
9.00
27.5
100
230
5300
3.0 V 3.50
11.0
39.5
93.0
215
9.00
27.5
100
230
5350
3.3 V 3.50
11.0
40.0
93.5
215
9.00
29.0
100
235
5350
3.6 V 3.65
11.0
40.5
94.0
215
9.10
29.0
100
235
5350
RTC clocked by LSE quartz in
low-drive mode, LCD enabled
-
1.8 V 3.30
11.0
39.5
92.0
190
8.00
27.5
100
230
4800
2.4 V 3.40
11.0
39.5
92.0
210
9.00
27.5
100
230
5300
3.0 V 3.50
11.0
39.5
93.0
210
9.00
27.5
100
230
5300
3.3 V 3.50
11.0
40.0
93.5
215
9.00
29.0
100
235
5350
3.6 V 3.65
11.0
40.5
94.0
215
9.10
29.0
100
235
5400
Table 40. Current consumption in Stop 2 mode
Symbol
Parameter
Conditions
Typ
Max
Unit
-
-
VDD 25 °C 55 °C 85 °C 105 °C 125 °C 30 °C 55 °C 85 °C 105 °C 130 °C
IDD (Stop 2)
Supply current in Stop 2
mode, RTC disabled
LCD disabled
EN_ULP = 0
1.8 V
695
2250
9550
22500 53000 2450 5650 24000 56000 130000
nA
2.4 V
720
2350
9850
23000 54500 2500 5900 24500 57500 135000
3.0 V
750
2500 10000 23500 56000 2550 6200 25500 59500 140000
3.3 V
770
2550 10500 24000 57500 2550 6400 26000 60500 145000
3.6 V
805
2650 11000 25000 58500 2600 6650 27000 62000 145000
EN_ULP = 1
1.8 V
760
2250
8800
21500 52000 2450 5650 22000 54000 130000
2.4 V
775
2300
8950
22000 53500 2500 5700 22500 55500 135000
3.0 V
795
2300
9150
22500 55000 2550 5800 23000 56500 135000
3.3 V
805
2350
9250
23000 56000 2550 5850 23000 57500 140000
3.6 V
830
2400
9450
23500 57500 2600 6000 23500 58500 145000
LCD enabled, clocked by
LSI
EN_ULP = 0
1.8 V 1000 2500
9100
22000 52500 2550 6250 22500 55000 130000
2.4 V 1100 2600
9250
22500 54000 2750 6500 23000 56500 135000
3.0 V 1200 2700
9550
23000 55500 2950 6800 24000 57500 140000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com