Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U073HBU6 Datasheet(PDF) 78 Page - STMicroelectronics

No. de pieza STM32U073HBU6
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073HBU6 Datasheet(HTML) 78 Page - STMicroelectronics

Back Button STM32U073HBU6 Datasheet HTML 74Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 75Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 76Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 77Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 78Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 79Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 80Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 81Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 146 page
background image
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
NT jitter
Next transition jitter
Accumulated jitter on 28 cycles(3)
-
-
+/-0.15(1)
-
ns
PT jitter
Paired transition jitter
Accumulated jitter on 56 cycles(3)
-
-
+/-0.25(1)
-
ns
1. Specified by design, not tested in production.
2. Evaluated by characterization, not tested in production.
3. Jitter measurement are performed without clock source activated in parallel.
Figure 22. HSI48 frequency versus temperature
-6
-4
-2
0
2
4
6
-50
-30
-10
10
30
50
70
90
110
130
Avg
min
max
°C
%
Low-speed internal (LSI) RC oscillator
Table 55. LSI oscillator characteristics
Evaluated by characterization, not tested in production.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fLSI
LSI Frequency
VDD = 3.0 V, TA = 30 °C
31.04
-
32.96
kHz
VDD = 1.62 to 3.6 V, TA = -40 to 125 °C
29.5
-
34
tSU(LSI)(1)
LSI oscillator start-up time
-
-
80
130
μs
tSTAB(LSI)(1)
LSI oscillator stabilization time
5% of final frequency
-
125
180
μs
IDD(LSI)(1)
LSI oscillator power consumption
-
-
110
180
nA
1. Specified by design, not tested in production.
6.3.9
PLL characteristics
The parameters given in Table 56. PLL characteristics are derived from tests performed under temperature and
VDD supply voltage conditions summarized in Section 6.3.1: General operating conditions.
Table 56. PLL characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fPLL_IN
PLL input clock frequency(1)
-
2.66
-
16
MHz
STM32U073x8/B/C
Electrical characteristics
DS14548 - Rev 2
page 78/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com