Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U073HBU6 Datasheet(PDF) 72 Page - STMicroelectronics

No. de pieza STM32U073HBU6
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073HBU6 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button STM32U073HBU6 Datasheet HTML 68Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 69Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 70Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 71Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 72Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 73Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 74Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 75Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 146 page
background image
For CL1 and CL2, it is recommended to use high-quality external ceramic capacitors in the 5 pF to 20 pF range
(typ.), designed for high-frequency applications, and selected to match the requirements of the crystal or
resonator (see Figure 18. Typical application with an 8 MHz crystal). CL1 and CL2 are usually the same size. The
crystal manufacturer typically specifies a load capacitance which is the series combination of CL1 and CL2. PCB
and MCU pin capacitance must be included (10 pF can be used as a rough estimate of the combined pin and
board capacitance) when sizing CL1 and CL2.
Note:
For information on selecting the crystal, refer to the application note AN2867 “Oscillator design guide for ST
microcontrollers” available from the ST website www.st.com.
Figure 18. Typical application with an 8 MHz crystal
(1)
OSC_IN
OSC_OUT
RF
Bias
controlled
gain
fHSE
REXT
8 MHz
resonator
Resonator with integrated
capacitors
CL1
CL2
1. REXT value depends on the crystal characteristics.
Low-speed external clock generated from a crystal resonator
The low-speed external (LSE) clock can be supplied with a 32.768 kHz crystal resonator oscillator. All the
information given in this paragraph are based on design simulation results obtained with typical external
components specified in Table 51. LSE oscillator characteristics (fLSE = 32.768 kHz). In the application, the
resonator and the load capacitors have to be placed as close as possible to the oscillator pins in order to minimize
output distortion and startup stabilization time. Refer to the crystal resonator manufacturer for more details on the
resonator characteristics (frequency, package, accuracy).
Table 51. LSE oscillator characteristics (fLSE = 32.768 kHz)
Specified by design, not tested in production.
Symbol
Parameter
Conditions(1)
Min
Typ
Max
Unit
IDD(LSE)
LSE current consumption
LSEDRV[1:0] = 00, low drive capability
-
250
-
nA
LSEDRV[1:0] = 01, medium low drive capability
-
315
-
LSEDRV[1:0] = 10, medium high drive capability
-
500
-
LSEDRV[1:0] = 11, high drive capability
-
630
-
Gmcritmax
Maximum critical crystal gm
LSEDRV[1:0] = 00, low drive capability
-
-
0.5
µA/V
LSEDRV[1:0] = 01, medium low drive capability
-
-
0.75
LSEDRV[1:0] = 10, medium high drive capability
-
-
1.7
LSEDRV[1:0] = 11, high drive capability
-
-
2.7
tSU(LSE)(2)
Startup time
VDD is stabilized
-
2
-
s
1. Refer to the note and caution paragraphs below the table, and to the application note AN2867 “Oscillator design guide for ST
microcontrollers”.
2. tSU(LSE) is the startup time measured from the moment it is enabled (by software) to a stabilized 32.768 kHz oscillation is reached. This
value is measured for a standard crystal and it can vary significantly with the crystal manufacturer
STM32U073x8/B/C
Electrical characteristics
DS14548 - Rev 2
page 72/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com