Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U073HBU6 Datasheet(PDF) 43 Page - STMicroelectronics

No. de pieza STM32U073HBU6
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073HBU6 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STM32U073HBU6 Datasheet HTML 39Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 40Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 41Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 42Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 43Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 44Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 45Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 46Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 146 page
background image
6.1.7
Current consumption measurement
Figure 14. Current consumption measurement scheme
IDD_USB
VDDUSB
IDD_VBAT
VBAT
IDD
VDD
IDDA
VDDA
The IDD_ALL parameters given in Table 26. Current consumption in Run and Low-power run modes, code with
data processing running from flash memory, bypass mode, ART enabled (cache ON, prefetch OFF), HSE clock
used as system clock to Table 43. Current consumption in VBAT mode represent the total MCU consumption
including the current supplying VDD, VDDA, VDDUSB, and VBAT.
6.2
Absolute maximum ratings
Stresses above the absolute maximum ratings listed in Table 19. Voltage characteristics, Table 20. Current
characteristics and Table 21. Thermal characteristics may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these conditions is not implied. Exposure to maximum
rating conditions for extended periods may affect device reliability. Device mission profile (application conditions)
is compliant with JEDEC JESD47 qualification standard, extended mission profiles are available on demand.
Table 19. Voltage characteristics
All main power (VDD, VDDA, VDDUSB, VBAT) and ground (VSS, VSSA) pins must always be connected to the external power supply, in the
permitted range.
Symbol
Ratings
Min
Max
Unit
VDDX - VSS
External main supply voltage (including VDD, VDDA, VDDUSB, VBAT, VREF+)
-0.3
4.0
V
VIN(1)
Input voltage on FT_xxx pins
VSS - 0.3
min (VDD, VDDA, VDDUSB) + 4.0(2)
(3)
V
Input voltage on TT_xx pins
VSS - 0.3
4.0
Input voltage on any other pins
VSS - 0.3
4.0
|ΔVDDX|
Variations between different VDDX power pins of the same domain
-
50
mV
|VSSx-VSS|
Variations between all the different ground pins(4)
-
50
mV
VREF+ - VDDA Allowed voltage difference for VREF+ > VDDA
-
0.4
V
1. VIN maximum must always be respected. Refer to Table 20. Current characteristics for the maximum allowed injected current values.
2. To sustain a voltage higher than 4 V the internal pull-up/pull-down resistors must be disabled.
3. This formula has to be applied only on the power supplies related to the IO structure described in the pin definition table.
4. Including VREF- pin.
STM32U073x8/B/C
Electrical characteristics
DS14548 - Rev 2
page 43/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com