Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U073HBU6 Datasheet(PDF) 71 Page - STMicroelectronics

No. de pieza STM32U073HBU6
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073HBU6 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button STM32U073HBU6 Datasheet HTML 67Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 68Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 69Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 70Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 71Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 72Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 73Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 74Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 146 page
background image
Figure 17. AC timing diagram for low-speed external clock source
VLSEH
70%
30%
t
VLSEL
tw(LSEH)
tw(LSEL)
VLSE_ext
tLSE = 1/fLSE_ext
VLSE_ext_PP
High-speed external clock generated from a crystal/ceramic resonator
The high-speed external (HSE) clock can be supplied with a 4 to 48 MHz crystal/ceramic resonator oscillator. All
the information given in this paragraph are based on design simulation results obtained with typical external
components specified in Table 50. HSE oscillator characteristics. In the application, the resonator and the load
capacitors have to be placed as close as possible to the oscillator pins in order to minimize output distortion and
startup stabilization time. Refer to the crystal resonator manufacturer for more details on the resonator
characteristics (frequency, package, accuracy).
Table 50. HSE oscillator characteristics
Specified by design, not tested in production.
Symbol
Parameter
Conditions(1)
Min
Typ
Max
Unit
fOSC_IN
Oscillator frequency
-
4
-
48
MHz
RF
Feedback resistor
-
-
200
-
kΩ
IDD(HSE)
HSE current consumption
During startup(2)
-
-
5.5
mA
VDD = 3 V,
Rm = 30 Ω,
CL = 10 pF @ 8 MHz
-
0.58
-
VDD = 3 V,
Rm = 45 Ω,
CL = 10 pF @ 8 MHz
-
0.59
-
VDD = 3 V,
Rm = 30 Ω,
C = 5 pF @ 48 MHz
-
0.89
-
VDD = 3 V,
Rm = 30 Ω,
CL = 10 pF @ 48 MHz
-
1.14
-
VDD = 3 V,
Rm = 30 Ω,
CL = 20 pF @ 48 MHz
-
1.94
-
Gm
Maximum critical crystal transconductance
Startup
-
-
1.5
mA/V
tSU(HSE)(3)
Startup time
VDD is stabilized
-
2
-
ms
1. Resonator characteristics given by the crystal/ceramic resonator manufacturer.
2. This consumption level occurs during the first 2/3 of the tSU(HSE) startup time
3. tSU(HSE) is the startup time measured from the moment it is enabled (by software) to a stabilized 8 MHz oscillation is
reached. This value is measured for a standard crystal resonator and it can vary significantly with the crystal manufacturer
STM32U073x8/B/C
Electrical characteristics
DS14548 - Rev 2
page 71/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com