Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U073HBU6 Datasheet(PDF) 52 Page - STMicroelectronics

No. de pieza STM32U073HBU6
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073HBU6 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STM32U073HBU6 Datasheet HTML 48Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 49Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 50Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 51Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 52Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 53Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 54Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 55Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 146 page
background image
Table 29. Current consumption in Run and Low-power run modes, code with data processing running from flash memory, bypass mode, ART disabled
(cache ON, prefetch OFF), MSI clock used as system clock
TBD stands for "to be defined".
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
Clock source
Range
fHCLK
25 °C 55 °C 85 °C 105 °C 125 °C 30 °C 55 °C 85 °C 105 °C 130 °C
IDD (Run)
Supply current in Run mode
fHCLK = fMSI, peripherals
disabled
Range 1
48 MHz
4.35
4.45
4.60
4.70
4.95
4.8
5
5.25
5.5
6
mA
32 MHz
2.95
3.05
3.15
3.25
3.45
3.25
3.4
3.6
3.85
4.3
24 MHz
2.65
2.70
2.80
2.90
3.10
2.9
3.05
3.25
3.45
3.9
16 MHz
1.80
1.85
1.95
2.05
2.25
2
2.1
2.25
2.45
2.85
Range 2
16 MHz
1.30
1.30
1.40
1.45
1.60
1.4
1.5
1.6
1.75
2.1
8 MHz
0.795 0.815 0.860 0.935
1.100 0.875 0.92
1
1.15
1.5
4 MHz
0.455 0.475 0.510 0.590
0.730
0.5
0.53
0.62
0.76
1.05
2 MHz
0.280 0.295 0.335 0.400
0.550
0.31
0.34
0.42
0.56
0.87
1 MHz
0.195 0.210 0.245 0.315
0.465 0.215 0.24
0.32
0.46
0.765
400 kHz 0.145 0.155 0.190 0.255
0.405 0.155 0.18
0.25
0.39
0.7
100 kHz 0.115 0.130 0.165 0.235
0.375
0.13
0.15 0.225 0.365
0.67
IDD (LPRun)
Supply current in Low-power run
mode
Low-power run
2 MHz
0.220 0.230 0.275 0.345
0.505
TBD
TBD
TBD
TBD
TBD
1 MHz
0.115 0.135 0.175 0.240
0.400
TBD
TBD
TBD
TBD
TBD
400 kHz 0.055 0.065 0.105 0.175
0.335
TBD
TBD
TBD
TBD
TBD
100 kHz 0.025 0.035 0.075 0.145
0.305
TBD
TBD
TBD
TBD
TBD
1. Evaluated by characterization, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com