Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U073HBU6 Datasheet(PDF) 112 Page - STMicroelectronics

No. de pieza STM32U073HBU6
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073HBU6 Datasheet(HTML) 112 Page - STMicroelectronics

Back Button STM32U073HBU6 Datasheet HTML 108Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 109Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 110Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 111Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 112Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 113Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 114Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 115Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 146 page
background image
Table 89. UFQFPN32 - Mechanical data
Symbol
millimeters(1)
inches(2)
Min
Typ
Max
Min
Typ
Max
A(3)(4)
0.50
0.55
0.60
0.0197
0.0217
0.0236
A1(5)
0.00
-
0.05
0.000
-
0.0020
A3(6)
-
0.15
-
-
0.0060
-
b(7)
0.18
0.25
0.30
0.0071
0.010
0.0118
D(8)(9)
5.00 BSC
0.1969 BSC
D2
3.50
3.60
3.70
0.139
0.143
0.147
E(8)(9)
5.00 BSC
0.1969 BSC
E2
3.50
3.60
3.70
0.139
0.143
0.147
e(9)
-
0.50
-
-
0.02
-
N(10)
32
K
0.15
-
-
0.006
-
-
L
0.30
-
0.50
0.0119
-
0.0199
R
0.09
-
-
0.004
-
-
1. All dimensions are in millimetres. Dimensioning and tolerancing schemes are conform to ASME Y14.5M-2018 except
European .
2. Values in inches are converted from mm and rounded to 4 decimal digits.
3. UFQFPN stands for Ultra thin Fine pitch Quad Flat Package No lead: A ≤ 0.60mm / Fine pitch e ≤ 1.00mm.
4. The profile height, A, is the distance from the seating plane to the highest point on the package. It is measured
perpendicular to the seating plane.
5. A1 is the vertical distance from the bottom surface of the plastic body to the nearest metallized package feature.
6. A3 is the distance from the seating plane to the upper surface of the terminals.
7. Dimension b applies to metallized terminal. If the terminal has the optional radius on the other end of the terminal, the
dimension b must not be measured in that radius area.
8. Dimensions D and E do not include mold protrusion, not to exceed 0,15mm.
9. BSC stands for BASIC dimensions. It corresponds to the nominal value and has no tolerance. For tolerances refer to
Table 90
10. N represents the total number of terminals.
Table 90. Tolerance of form and position
Symbol(1)
Tolerance of form and position(2)
In millimeters
Tolerance of form and position(3)
In inches
aaa
0.15
0.006
bbb
0.10
0.004
ccc
0.10
0.004
ddd
0.05
0.002
eee
0.10
0.004
fff
0.10
0.004
1. For the tolerance of form and position definitions see Table 91.
2. All dimensions are in millimetres. Dimensioning and tolerancing schemes are conform to ASME Y14.5M-2018 except
European .
3. Values in inches are converted from mm and rounded to 4 decimal digits.
STM32U073x8/B/C
Package information
DS14548 - Rev 2
page 112/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com