Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA64CIF6TR Datasheet(PDF) 140 Page - STMicroelectronics

No. de pieza STM32WBA64CIF6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA64CIF6TR Datasheet(HTML) 140 Page - STMicroelectronics

Back Button STM32WBA64CIF6TR Datasheet HTML 136Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 137Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 138Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 139Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 140Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 141Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 142Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 143Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 144Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 185 page
background image
Electrical characteristics
STM32WBA6xxx
140/185
DS14736 Rev 1
Ilkg(1)
I/O input leakage
current(2)(3)
All I/Os
except FT_u
VIN ≤ Max(VDDx)
-
-
150
nA
Max(VDDx) < VIN ≤ Max(VDDx) + 1 V
-
-
2000
Max(VDDx) + 1 V < VIN ≤ 5.5 V(3)
-
-
500
FT_u I/Os
VIN ≤ Max(VDDx)
-
-
200
Max(VDDx) < VIN ≤ Max(VDDx) + 1 V
-
-
2500
Max(VDDx) + 1 V < VIN ≤ 5.5 V(3)
-
-
500
RPU
Weak pull-up
equivalent
resistor(4)
-30
40
50
kΩ
RPD
Weak pull-down
equivalent
resistor(4)
-30
40
50
CIO
I/O pin
capacitance
--
5
-
pF
1. Specified by design, not tested in production.
2. This parameter represents the pad leakage of the I/O itself. The total product pad leakage is provided by the following
formula: ITotal_Ileak_max = 10 μA + [number of I/Os where VIN is applied on the pad] x Ilkg max.
3. To sustain a voltage higher than min (VDD, VDDIO2, VDDUSB, VDDA) + 0.3 V, the internal pull-up and pull-down resistors
must be disabled.
4. The pull-up and pull-down resistors are designed with a true resistance in series with a switchable PMOS/NMOS. This
PMOS/NMOS contribution to the series resistance is minimal (~10%).
Table 75. I/O static characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com