Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA64CIF6TR Datasheet(PDF) 141 Page - STMicroelectronics

No. de pieza STM32WBA64CIF6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA64CIF6TR Datasheet(HTML) 141 Page - STMicroelectronics

Back Button STM32WBA64CIF6TR Datasheet HTML 137Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 138Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 139Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 140Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 141Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 142Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 143Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 144Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 145Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 185 page
background image
DS14736 Rev 1
141/185
STM32WBA6xxx
Electrical characteristics
169
All I/Os are CMOS- and TTL-compliant (no software configuration required). Their
characteristics cover more than the strict CMOS-technology or TTL parameters. The
coverage of these requirements is shown in Figure 24.
Figure 24. I/O input characteristics (all I/Os except PH3)
Output driving current
The I/Os can sink or source up to ±8 mA, up to ±20 mA with a relaxed VOL / VOH.
In the user application, the number of I/O pins that can drive current must be limited to
respect the absolute maximum rating specified in Section 5.2.
•
The sum of the currents sourced by all the I/Os on VDD, plus the maximum
consumption of the MCU sourced on VDD, cannot exceed the absolute maximum rating
ΣIVDD (see Table 27).
•
The sum of the currents sunk by all the I/Os on VSS, plus the maximum consumption of
the MCU sunk on VSS, cannot exceed the absolute maximum rating ΣIVSS (see
Table 27).
Output voltage levels
Unless otherwise specified, the parameters given in Table 76 are at ambient temperature
and under the supply voltage conditions summarized in Table 30. All I/Os are CMOS- and
TTL-compliant.
MSv69136V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com