Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA64CIF6TR Datasheet(PDF) 142 Page - STMicroelectronics

No. de pieza STM32WBA64CIF6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA64CIF6TR Datasheet(HTML) 142 Page - STMicroelectronics

Back Button STM32WBA64CIF6TR Datasheet HTML 138Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 139Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 140Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 141Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 142Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 143Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 144Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 145Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 146Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 185 page
background image
Electrical characteristics
STM32WBA6xxx
142/185
DS14736 Rev 1
Output AC characteristics
The definition of output AC characteristics is given in Figure 25, values in Table 77 and
Table 78. Unless otherwise specified, the parameters in these tables are at ambient
temperature and under the supply voltage conditions summarized in Table 30.
Table 76. Output voltage characteristics(1)
Symbol
Parameter
Conditions
Min
Max Unit
VOL
Output low level voltage
|IIO| = 8 mA, 2.7 V ≤ VDD ≤ 3.6 V
-0.4
V
VOH
Output high level voltage
VDD - 0.4
-
VOL(2)
Output low level voltage
|IIO| = 20 mA, 2.7 V ≤ VDD ≤ 3.6 V
-1.3
VOH(2)
Output high level voltage
VDD - 1.3
-
VOL(2)
Output low level voltage
|IIO| = 4 mA, 1.58 V ≤ VDD ≤ 3.6 V
-0.4
VOH(2)
Output high level voltage
VDD - 0.4
-
VOL(2)
Output low level voltage
|IIO| = 1 mA, 1.08 V ≤ VDDIO2 ≤ 3.6 V
-0.4
VOH(2)
Output high level voltage
VDDIO2 - 0.4
-
VOLFM+(2)
Output low level voltage for an I/O pin
in Fm+ mode
|IIO| = 20 mA, 2.7 V ≤ VDD ≤ 3.6 V
-
0.4
|IIO| = 10 mA, 1.58 V ≤ VDD ≤ 3.6 V
-
0.4
|IIO| = 2 mA, 1.08 V ≤ VDDIO2 ≤ 3.6 V
-
0.4
1. The IIO current sourced or sunk by the device must always respect the absolute maximum rating specified in Table 26, and
the sum of the currents sourced or sunk by all the I/Os (I/O ports and control pins) must always respect the absolute
maximum ratings ΣI(PIN).
2. Specified by design, not tested in production.
Table 77. Output AC characteristics, HSLV off(1)(2)
Speed(3)
Symbol
Parameter
Conditions
Min
Max
Unit
00
Fmax
Maximum frequency
CL = 50 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
12.5
MHz
CL = 50 pF, 1.58 V ≤ VDD < 2.7 V
-
5
CL = 50 pF, 1.08 V ≤ VDDIO2 < 1.58 V
-
1
CL = 10 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
12.5
CL = 10 pF, 1.58 V ≤ VDD < 2.7 V
-
5
CL = 10 pF, 1.08 V ≤ VDDIO2 < 1.58 V
-
1
tr/tf
Output rise and fall time
CL = 50 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
17
ns
CL = 50 pF, 1.58 V ≤ VDD < 2.7 V
-
33
CL = 50 pF, 1.08 V ≤ VDDIO2 < 1.58 V
-
85
CL = 10 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
12.5
CL = 10 pF, 1.58 V ≤ VDD < 2.7 V
-
25
CL = 10 pF, 1.08 V ≤ VDDIO2 < 1.58 V
-
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com