Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PC48F4400PLXB0 Datasheet(PDF) 36 Page - Numonyx B.V

No. de pieza PC48F4400PLXB0
Descripción Electrónicos  Numonyx Wireless Flash Memory (W18)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NUMONYX [Numonyx B.V]
Página de inicio  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PC48F4400PLXB0 Datasheet(HTML) 36 Page - Numonyx B.V

Back Button PC48F4400PLXB0 Datasheet HTML 32Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 33Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 34Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 35Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 36Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 37Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 38Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 39Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 40Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 102 page
background image
Numonyx™ Wireless Flash Memory (W18)
Datasheet
November 2007
36
Order Number: 290701-18
Numonyx™ Wireless Flash Memory (W18)
Note:
During Burst Suspend, Clock signal can be held high or low.
7.1
AC Write Characteristics
Figure 13: Burst Suspend
Q0
Q1
Q1
Q2
R304
R304
R7
R6
R13
R12
R9
R4
R9
R4
R8
R3
R106
R101
R105
R105
R1
R1
R2
R305
R305
R305
R304
CLK
Address [A]
ADV#
CE# [E]
OE# [G]
WAIT [T]
WE# [W]
DATA [D/Q]
Table 15: AC Write Characteristics — 90 nm (Sheet 1 of 2)
#
Sym
Parameter (1,2)
VCCQ =
1.7 V – 1.95 V
Unit
Notes
Min
Max
W1
tPHWL (tPHEL)
RST# High Recovery to WE# (CE#) Low
150
-
ns
3
W2
tELWL (tWLEL)
CE# (WE#) Setup to WE# (CE#) Low
0
-
ns
W3
tWLWH (tELEH)
WE# (CE#) Write Pulse Width Low
40
-
ns
4
W4
tDVWH (tDVEH)
Data Setup to WE# (CE#) High
40
-
ns
W5
tAVWH (tAVEH)
Address Setup to WE# (CE#) High
40
-
ns
W6
tWHEH (tEHWH)
CE# (WE#) Hold from WE# (CE#) High
0
-
ns
W7
tWHDX (tEHDX)
Data Hold from WE# (CE#) High
0
-
ns
W8
tWHAX (tEHAX)
Address Hold from WE# (CE#) High
0
-
ns
W9
tWHWL (tEHEL)
WE# (CE#) Pulse Width High
20
-
ns
5,6,7
W10
tVPWH (tVPEH)
VPP Setup to WE# (CE#) High
200
-
ns
3
W11
tQVVL
VPP Hold from Valid SRD
0
-
ns
3,8
W12
tQVBL
WP# Hold from Valid SRD
0
-
ns
3,8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com