Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PC48F4400PLXB0 Datasheet(PDF) 94 Page - Numonyx B.V

No. de pieza PC48F4400PLXB0
Descripción Electrónicos  Numonyx Wireless Flash Memory (W18)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NUMONYX [Numonyx B.V]
Página de inicio  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PC48F4400PLXB0 Datasheet(HTML) 94 Page - Numonyx B.V

Back Button PC48F4400PLXB0 Datasheet HTML 90Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 91Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 92Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 93Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 94Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 95Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 96Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 97Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 98Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 102 page
background image
Numonyx™ Wireless Flash Memory (W18)
Datasheet
November 2007
94
Order Number: 290701-18
Numonyx™ Wireless Flash Memory (W18)
B.6
Numonyx-Specific Extended Query Table
Table 43: Primary Vendor-Specific Extended Query
Offset
(1)
Length
Description
Hex
P = 39h
(Optional flash features and commands)
Add. Code Value
(P+0)h
3
Primary extended query table
39:
--50
"P"
(P+1)h
Unique ASCII string “PRI“
3A:
--52
"R"
(P+2)h
3B:
--49
"I"
(P+3)h
1
Major version number, ASCII
3C:
--31
"1"
(P+4)h
1
Minor version number, ASCII
3D:
--33
"3"
(P+5)h
4
Optional feature and command support (1=yes, 0=no)
3E:
--E6
(P+6)h
bits 10–31 are reserved; undefined bits are “0.” If bit 31 is
3F:
--03
(P+7)h
“1” then another 31 bit field of Optional features follows at
40:
--00
(P+8)h
the end of the bit–30 field.
41:
--00
bit 0 Chip erase supported
bit 0 = 0
No
bit 1 Suspend erase supported
bit 1 = 1
Yes
bit 2 Suspend program supported
bit 2 = 1
Yes
bit 3 Legacy lock/unlock supported
bit 3 = 0
No
bit 4 Queued erase supported
bit 4 = 0
No
bit 5 Instant individual block locking supported
bit 5 = 1
Yes
bit 6 Protection bits supported
bit 6 = 1
Yes
bit 7 Pagemode read supported
bit 7 = 1
Yes
bit 8 Synchronous read supported
bit 8 = 1
Yes
bit 9 Simultaneous operations supported
bit 9 = 1
Yes
(P+9)h
1
42:
--01
bit 0 Program supported after erase suspend
bit 0 = 1
Yes
(P+A)h
2
Block status register mask
43:
--03
(P+B)h
bits 2–15 are Reserved; undefined bits are “0”
44:
--00
bit 0 Block Lock-Bit Status register active
bit 0 = 1
Yes
bit 1 Block Lock-Down Bit Status active
bit 1 = 1
Yes
(P+C)h
1
45:
--18
1.8V
(P+D)h
1
46:
--C0 12.0V
Supported functions after suspend: read Array, Status, Query
Other supported operations are:
bits 1–7 reserved; undefined bits are “0”
VCC logic supply highest performance program/erase voltage
bits 0–3 BCD value in 100 mV
bits 4–7 BCD value in volts
VPP optimum program/erase supply voltage
bits 0–3 BCD value in 100 mV
bits 4–7 HEX value in volts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com