Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PC48F4400PLXB0 Datasheet(PDF) 46 Page - Numonyx B.V

No. de pieza PC48F4400PLXB0
Descripción Electrónicos  Numonyx Wireless Flash Memory (W18)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NUMONYX [Numonyx B.V]
Página de inicio  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PC48F4400PLXB0 Datasheet(HTML) 46 Page - Numonyx B.V

Back Button PC48F4400PLXB0 Datasheet HTML 42Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 43Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 44Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 45Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 46Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 47Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 48Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 49Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 50Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 102 page
background image
Numonyx™ Wireless Flash Memory (W18)
Datasheet
November 2007
46
Order Number: 290701-18
Numonyx™ Wireless Flash Memory (W18)
8.0
Power and Reset Specifications
Numonyx™ Wireless Flash Memory (W18) devices have a layered approach to power
savings that can significantly reduce overall system power consumption. The APS
feature reduces power consumption when the device is selected but idle. If CE# is
deasserted, the memory enters its standby mode, where current consumption is even
lower. Asserting RST# provides current savings similar to standby mode. The
combination of these features can minimize memory power consumption, and
therefore, overall system power consumption.
8.1
Active Power
With CE# at VIL and RST# at VIH, the device is in the active mode. Refer to Section 6.1,
“DC Current Characteristics” on page 23, for ICC values. When the device is in “active”
state, it consumes the most power from the system. Minimizing device active current
therefore reduces system power consumption, especially in battery-powered
applications.
8.2
Automatic Power Savings (APS)
Automatic Power Saving (APS) provides low-power operation during a read’s active
state. During APS mode, ICCAPS is the average current measured over any 5 ms time
interval 5 µs after the following events happen:
• There is no internal sense activity;
• CE# is asserted;
• The address lines are quiescent, and at VSSQ or VCCQ.
OE# may be asserted during APS.
8.3
Standby Power
With CE# at VIH and the device in read mode, the flash memory is in standby mode,
which disables most device circuitry and substantially reduces power consumption.
Outputs are placed in a high-impedance state independent of the OE# signal state. If
CE# transitions to VIH during erase or program operations, the device continues the
operation and consumes corresponding active power until the operation is complete.
ICCS is the average current measured over any 5 ms time interval 5 µs after a CE# de-
assertion.
8.4
Power-Up/Down Characteristics
The device is protected against accidental block erasure or programming during power
transitions. Power supply sequencing is not required if VCC, VCCQ, and VPP are
connected together; so it doesn’t matter whether VPP or VCC powers-up first. If VCCQ
and/or VPP are not connected to the system supply, then VCC should attain VCCMIN
before applying VCCQ and VPP. Device inputs should not be driven before supply
voltage = VCCMIN. Power supply transitions should only occur when RST# is low.
8.4.1
System Reset and RST#
The use of RST# during system reset is important with automated program/erase
devices because the system expects to read from the flash memory when it comes out
of reset. If a CPU reset occurs without a flash memory reset, proper CPU initialization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com