Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PC48F4400PLXB0 Datasheet(PDF) 25 Page - Numonyx B.V

No. de pieza PC48F4400PLXB0
Descripción Electrónicos  Numonyx Wireless Flash Memory (W18)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NUMONYX [Numonyx B.V]
Página de inicio  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PC48F4400PLXB0 Datasheet(HTML) 25 Page - Numonyx B.V

Back Button PC48F4400PLXB0 Datasheet HTML 21Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 22Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 23Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 24Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 25Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 26Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 27Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 28Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 29Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 102 page
background image
November 2007
Datasheet
Order Number: 290701-18
25
Numonyx™ Wireless Flash Memory (W18)
VOH
Output High
VCCQ – 0.1
-
VCCQ – 0.1
-
V
VCC = VCCMin
VCCQ = VCCQMin
IOH = –100 µA
VPPLK
VPP Lock-Out
-
0.4
-
0.4
V
3
VLKO
VCC Lock (130nm)
1.0
-
1.0
-
V
4
VCC Lock (90nm)
0.7
-
-
-
V
VILKOQ
VCCQ Lock
0.9
-
0.9
-
V
Notes:
1.
VCCQ = 1.35 V - 1.8V is available on 130 nm devices only.
2.
VIL can undershoot to –1.0 V for durations of 2 ns or less and VIH can overshoot to VCCQ+1.0 V for durations of 2 ns or
less.
3.
VPP <= VPPLK inhibits erase and program operations. Don’t use VPPL and VPPH outside their valid ranges.
4.
Block erases, programming and lock-bit configurations are inhibited when VCC<VLKO, and not guaranteed in the range
between VLKOMIN and VCCMIN, and above VCCMAX.
Table 12: DC Voltage Characteristics (Sheet 2 of 2)
Symbol
Parameter
VCCQ= 1.8 V
Unit
Test Condition
Notes
32/64-Mbit
128-Mbit
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com