Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PC48F4400PLXB0 Datasheet(PDF) 28 Page - Numonyx B.V

No. de pieza PC48F4400PLXB0
Descripción Electrónicos  Numonyx Wireless Flash Memory (W18)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NUMONYX [Numonyx B.V]
Página de inicio  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PC48F4400PLXB0 Datasheet(HTML) 28 Page - Numonyx B.V

Back Button PC48F4400PLXB0 Datasheet HTML 24Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 25Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 26Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 27Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 28Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 29Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 30Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 31Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 32Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 102 page
background image
Numonyx™ Wireless Flash Memory (W18)
Datasheet
November 2007
28
Order Number: 290701-18
Numonyx™ Wireless Flash Memory (W18)
R101
tAVVH
Address Setup to ADV# High
7
-
ns
R102
tELVH
CE# Low to ADV# High
10
-
ns
R103
tVLQV
ADV# Low to Output Valid
-
60
ns
7,8
R104
tVLVH
ADV# Pulse Width Low
7
-
ns
R105
tVHVL
ADV# Pulse Width High
7
-
ns
R106
tVHAX
Address Hold from ADV# High
7
-
ns
3
R108
tAPA
Page Address Access Time
-
20
ns
Clock Specifications
R200
fCLK
CLK Frequency
-
66
MHz
R201
tCLK
CLK Period
15
-
ns
R202
tCH/L
CLK High or Low Time
3.5
-
ns
R203
tCHCL
CLK Fall or Rise Time
-
3
ns
Synchronous Specifications
R301
tAVCH
Address Valid Setup to CLK
7
-
ns
R302
tVLCH
ADV# Low Setup to CLK
7
-
ns
R303
tELCH
CE# Low Setup to CLK
7
-
ns
R304
tCHQV
CLK to Output Valid
-
11
ns
8
R305
tCHQX
Output Hold from CLK
3
-
ns
R306
tCHAX
Address Hold from CLK
7
-
ns
3
R307
tCHTV
CLK to WAIT Valid
-
11
ns
8
Note:
For all numbered note references in this table, refer to the notes in
Table 13, “Read Operations — 90 nm” on
page 26.
Table 14: Read Operations — 130 nm (Sheet 2 of 2)
#
Parameter (1,2)
VCCQ=
1.7 V – 2.24 V
Unit
Notes
-60
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com