Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PC48F4400PLXB0 Datasheet(PDF) 60 Page - Numonyx B.V

No. de pieza PC48F4400PLXB0
Descripción Electrónicos  Numonyx Wireless Flash Memory (W18)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NUMONYX [Numonyx B.V]
Página de inicio  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PC48F4400PLXB0 Datasheet(HTML) 60 Page - Numonyx B.V

Back Button PC48F4400PLXB0 Datasheet HTML 56Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 57Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 58Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 59Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 60Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 61Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 62Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 63Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 64Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 102 page
background image
Numonyx™ Wireless Flash Memory (W18)
Datasheet
November 2007
60
Order Number: 290701-18
Numonyx™ Wireless Flash Memory (W18)
11.2
Factory Programming
The standard factory programming mode uses the same commands and algorithm as
the Word Program mode (40h/10h). When VPP is at VPP1, program and erase currents
are drawn through VCC. If VPP is driven by a logic signal, VPP1 must remain above the
VPP1Min value to perform in-system flash modifications. When VPP is connected to a
12 V power supply, the device draws program and erase current directly from VPP. This
eliminates the need for an external switching transistor to control the VPP voltage.
Figure 35, “Examples of VPP Power Supply Configurations” on page 77 shows examples
of flash power supply usage in various configurations.
Figure 26: Word Program Flowchart
Suspend
Program
Loop
Start
Write 40h,
Word Address
Write Data
Word Address
Read Status
Register
SR[7] =
Full Program
Status Check
(if desired)
Program
Complete
FULL PROGRAM STATUS CHECK PROCEDURE
Suspend
Program
Read Status
Register
Program
Successful
SR[3] =
SR[1] =
0
0
SR[4] =
0
1
1
1
1
0
No
Yes
V
PP Range
Error
Device
Protect Error
Program
Error
WORD PROGRAM PROCEDURE
SR[3] MUST be cleared before the WSM will allow further
program attempts
Only the Clear Staus Register command clears SR[4:3,1].
If an error is detected, clear the status register before
attempting a program retry or other error recovery.
Standby
Standby
Bus
Operation
Command
Check SR[3]
1 = V
PP error
Check SR[4]
1 = Data program error
Comments
Repeat for subsequent programming operations.
Full status register check can be done after each program or
after a sequence of program operations.
Comments
Bus
Operation
Command
Data = 40h
Addr = Location to program (WA)
Write
Program
Setup
Data = Data to program (WD)
Addr = Location to program (WA)
Write
Data
Read SRD
Toggle CE# or OE# to update SRD
Read
Check SR[7]
1 = WSM ready
0 = WSM busy
Standby
Standby
Check SR[1]
1 = Attempted program to locked block
Program aborted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com