Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PC48F4400PLXB0 Datasheet(PDF) 95 Page - Numonyx B.V

No. de pieza PC48F4400PLXB0
Descripción Electrónicos  Numonyx Wireless Flash Memory (W18)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NUMONYX [Numonyx B.V]
Página de inicio  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PC48F4400PLXB0 Datasheet(HTML) 95 Page - Numonyx B.V

Back Button PC48F4400PLXB0 Datasheet HTML 91Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 92Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 93Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 94Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 95Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 96Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 97Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 98Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 99Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 102 page
background image
November 2007
Datasheet
Order Number: 290701-18
95
Numonyx™ Wireless Flash Memory (W18)
Table 45: Burst Read Information for Non-muxed Device
Table 44: Protection Register Information
Offset
P = 39h
Length
Description
(Optional Flash Features and Commands)
Add.
Hex
Code
Value
(P + E)h
1
Number of Protectuib Register fields in JEDEC ID space.
“00h” indicates that 256 protection fields are available.
47:
--01
1
(P + E)h
(P + 10)h
(P + 11)h
(P + 12)h
4
Protection Field 1: Protection Description
This field describes user-available One Time Programmable (OTP)
Protection Register bytes, Some are pre-programmed with device-
unique serial numbers. Others are user-programmable. Bits are 0-15
point to the Protection Register lock byte, the section’s first byte. The
following bytes are factory pre-programmed and user-programmable:
• bits 0-7 = Lock/bytes JEDEC-plane physical low
address
• bites 8-15 = Lock/bytes JEDEC-plane physical high
address
• bits 16-23 = “n” such that 2n = factory pre-
programmed bytes
• bits 24-31 = “n” such that 2n = user-programmable bytes
48:
49:
4A:
4B:
--80
--00
--03
--03
80h
00h
8 byte
8 byte
Offset
(1)
Length
Description
Hex
P = 39h
(Optional flash features and commands)
Add. Code Value
(P+13)h
1
4C:
--03 8 byte
(P+14)h
1
4D:
--04
4
(P+15)h
1
4E:
--01
4
(P+16)h
1
Synchronous mode read capability configuration 2
4F:
--02
8
(P+17)h
1
Synchronous mode read capability configuration 3
50:
--03
16
(P+18)h
1
Synchronous mode read capability configuration 4
51:
--07
Cont
Page Mode Read capability
bits 0–7 = “n” such that 2n HEX value represents the number of
read-page bytes. See offset 28h for device word width to
determine page-mode data output width. 00h indicates no
read page buffer.
Number of synchronous mode read configuration fields that
follow. 00h indicates no burst capability.
Synchronous mode read capability configuration 1
Bits 3–7 = Reserved
bits 0–2 “n” such that 2n+1 HEX value represents the
maximum number of continuous synchronous reads when
the device is configured for its maximum word width. A value
of 07h indicates that the device is capable of continuous
linear bursts that will output data until the internal burst
counter reaches the end of the device’s burstable address
space. This field’s 3-bit value can be written directly to the
Read Configuration Register bits 0–2 if the device is
configured for its maximum word width. See offset 28h for
word width to determine the burst data output width.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com