Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PC48F4400PLXB0 Datasheet(PDF) 67 Page - Numonyx B.V

No. de pieza PC48F4400PLXB0
Descripción Electrónicos  Numonyx Wireless Flash Memory (W18)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NUMONYX [Numonyx B.V]
Página de inicio  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PC48F4400PLXB0 Datasheet(HTML) 67 Page - Numonyx B.V

Back Button PC48F4400PLXB0 Datasheet HTML 63Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 64Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 65Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 66Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 67Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 68Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 69Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 70Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 71Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 102 page
background image
November 2007
Datasheet
Order Number: 290701-18
67
Numonyx™ Wireless Flash Memory (W18)
12.2
Block Erase
The 2-cycle block erase command sequence, consisting of Erase Setup (20h) and Erase
Confirm (D0h), initiates one block erase at the addressed block. Only one partition can
be in an erase mode at a time; other partitions must be in a read mode. The Erase
Confirm command internally latches the address of the block to be erased. Erase forces
all bits within the block to 1. SR[7] is cleared while the erase executes.
After writing the Erase Confirm command, the selected partition is placed in read
Status Register mode and reads performed to that partition return the current status
data. The address given during the Erase Confirm command does not need to be the
same address used in the Erase Setup command. So, if the Erase Confirm command is
given to partition B, then the selected block in partition B will be erased even if the
Erase Setup command was to partition A.
Figure 29: Erase Suspend / Resume Flowchart
Erase
Completed
Write FFh
Erased Partition
Read Array
Data
0
0
No
Read
1
Program
Program
Loop
Read Array
Data
1
Yes
Start
Write B0h
Any Address
Read Status
Register
SR.7 =
SR.6 =
Write D0h
Any Address
Erase Resumed
Read or
Program?
Done?
Write
Write
Standby
Standby
Write
Erase
Suspend
Read Array
or Program
Program
Resume
Data = B0h
Addr = Any address
Data = FFh or 40h
Addr = Block to program or read
Check SR.7
1 = WSM ready
0 = WSM busy
Check SR.6
1 = Erase suspended
0 = Erase completed
Data = D0h
Addr = Any address
Bus
Operation
Command
Comments
Read
Status register data. Toggle CE# or
OE# to update Status register
Addr = Same partition
Read or
Write
Read array or program data from/to
block other than the one being erased
ERASE SUSPEND / RESUME PROCEDURE
ERAS_SUS.WMF
Write 70h
Same Partition
Write
Read
Status
Data = 70h
Addr = Same partition
Erase
Resume
Erase
Suspend
Read
Status
Read
Array
Write 70h
Same Partition
Read
Status
If the suspended partition was placed in
Read Array mode or a Program Loop:
Write
Read
Status
Return partition to Status mode:
Data = 70h
Addr = Same partition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com