Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PC48F4400PLXB0 Datasheet(PDF) 44 Page - Numonyx B.V

No. de pieza PC48F4400PLXB0
Descripción Electrónicos  Numonyx Wireless Flash Memory (W18)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NUMONYX [Numonyx B.V]
Página de inicio  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PC48F4400PLXB0 Datasheet(HTML) 44 Page - Numonyx B.V

Back Button PC48F4400PLXB0 Datasheet HTML 40Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 41Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 42Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 43Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 44Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 45Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 46Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 47Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 48Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 102 page
background image
Numonyx™ Wireless Flash Memory (W18)
Datasheet
November 2007
44
Order Number: 290701-18
Numonyx™ Wireless Flash Memory (W18)
7.4
AC I/O Test Conditions
Note:
Input timing begins, and output timing ends, at VCCQ/2. Input rise and fall times (10% to 90%) < 5 ns. Worst case speed
conditions are when VCC = VCCMin.
Note:
See
Table 18 on page 43 for component values.
Figure 19: Reset Operations Waveforms
Figure 20: AC Input/Output Reference Waveform
Figure 21: Transient Equivalent Testing Load Circuit
(A) Reset during
read mode
(B) Reset during
program or block erase
P1
≤ P2
(C) Reset during
program or block erase
P1
≥ P2
V
IH
V
IL
V
IH
V
IL
V
IH
V
IL
RST# [P]
RST# [P]
RST# [P]
Abort
Complete
Abort
Complete
V
CC
0V
VCC
(D) VCC Power-up to
RST# high
P1
R5
P2
P3
P2
R5
R5
V
CCQ
0V
V
CCQ/2
V
CCQ/2
Test Points
Input
Output
Device
Under Test
V
CCQ
C
L
R
2
R
1
Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com