Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PC48F4400PLXB0 Datasheet(PDF) 64 Page - Numonyx B.V

No. de pieza PC48F4400PLXB0
Descripción Electrónicos  Numonyx Wireless Flash Memory (W18)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NUMONYX [Numonyx B.V]
Página de inicio  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PC48F4400PLXB0 Datasheet(HTML) 64 Page - Numonyx B.V

Back Button PC48F4400PLXB0 Datasheet HTML 60Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 61Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 62Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 63Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 64Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 65Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 66Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 67Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 68Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 102 page
background image
Numonyx™ Wireless Flash Memory (W18)
Datasheet
November 2007
64
Order Number: 290701-18
Numonyx™ Wireless Flash Memory (W18)
Figure 27: Enhanced Factory Program Flowchart
EFP Setup
EFP Program
EFP Verify
EFP Exit
1. WA
0 = first Word Address to be programmed within the target block. The BBA (Block Base
Address) must remain constant throughout the program phase data stream; WA can be held
constant at the first address location, or it can be written to sequence up through the addresses
within the block. Writing to a BBA not equal to that of the block currently being written to
terminates the EFP program phase, and instructs the device to enter the EFP verify phase.
2. For proper verification to occur, the verify data stream must be presented to the device in the
same sequence as that of the program phase data stream. Writing to a BBA not equal to
WA
terminates the EFP verify phase, and instructs the device to exit EFP
.
3. Bits that did not fully program with the single WSM pulse of the EFP program phase receive
additional program-pulse attempts during the EFP verify phase. The device will report any
program failure by setting SR[4]=1; this check can be performed during the full status check after
EFP has been exited for that block, and will indicate any error within the entire data stream.
Comments
Bus
State
Repeat for subsequent operations.
After EFP exit, a Full Status Check can
determine if any program error occurred.
See the Full Status Check procedure in the
Word Program flowchart.
Write
Standby
Read
Write
Write
(note 2)
Read
Standby
Write
Read
Standby
EFP
Setup
Program
Done?
Exit
Program
Phase
Last
Data?
Exit
Verify
Phase
EFP
Exited?
Write
EFP
Confirm
Read
Standby
EFP
Setup
Done?
Read
Standby
Verify
Stream
Ready?
Write
Unlock
Block
Write
(note 1)
Standby
Last
Data?
Standby
(note 3)
Verify
Done?
Write Data
Address = WA
0
Last
Data?
Write FFFFh
Address
≠ BBA
Program
Done?
Read
Status Register
SR[0]=0=Y
Y
N
Write Data
Address = WA
0
Verify
Done?
Last
Data?
Read
Status Register
Write FFFFh
Address
≠ BBA
Y
Verify Stream
Ready?
Read
Status Register
SR[7]=0=N
Full Status Check
Procedure
Operation
Complete
Read
Status Register
EFP
Exited?
SR[7]=1=Y
SR[0]=1=N
Start
Write 30h
Address = WA
0
V
PP = 12V
Unlock Block
Write D0h
Address = WA
0
EFP Setup
Done?
Read
Status Register
SR[7]=1=N
Exit
N
EFP Program
EFP Verify
EFP Exit
EFP Setup
Comments
Bus
State
Data = 30h
Address = WA
0
Data = D0h
Address = WA
0
Status Register
Check SR[7]
0 = EFP ready
1 = EFP not ready
V
PP = 12V
Unlock block
Check SR[0]
0 = Program done
1 = Program not done
Status Register
Data = FFFFh
Address not within same
BBA
Data = Data to program
Address = WA
0
Device automatically
increments address.
Comments
Bus
State
Data = Word to verify
Address = WA
0
Status Register
Device automatically
increments address.
Data = FFFFh
Address not within same
BBA
Status Register
Check SR[0]
0 = Ready for verify
1 = Not ready for verify
Check SR[0]
0 = Verify done
1 = Verify not done
Status Register
Check SR[7]
0 = Exit not finished
1 = Exit completed
Check V
PP & Lock
errors (SR[3,1])
Data Stream
Ready?
Read
Status Register
SR[0] =0=Y
SR[0]=1=N
Standby
Read
Data
Stream
Ready?
Check SR[0]
0 = Ready for data
1 = Not ready for data
Status Register
SR[0]=0=Y
SR[0] =0=Y
EFP setup time
Standby
EFP setup time
Standby
Error
Condition
Check
If SR[7] = 1:
Check SR[3,1]
SR[3] = 1 = V
PP error
SR[1] = 1 = locked block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com