Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PC48F4400PLXB0 Datasheet(PDF) 84 Page - Numonyx B.V

No. de pieza PC48F4400PLXB0
Descripción Electrónicos  Numonyx Wireless Flash Memory (W18)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NUMONYX [Numonyx B.V]
Página de inicio  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PC48F4400PLXB0 Datasheet(HTML) 84 Page - Numonyx B.V

Back Button PC48F4400PLXB0 Datasheet HTML 80Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 81Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 82Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 83Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 84Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 85Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 86Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 87Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 88Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 102 page
background image
Numonyx™ Wireless Flash Memory (W18)
Datasheet
November 2007
84
Order Number: 290701-18
Numonyx™ Wireless Flash Memory (W18)
14.8
Clock Edge (RCR[6])
Configuring the valid clock edge enables a flexible memory interface to a wide range of
burst CPUs. Clock configuration sets the device to start a burst cycle, output data, and
assert WAIT on the clock’s rising or falling edge.
14.9
Burst Wrap (RCR[3])
The burst wrap bit determines whether 4-, 8-, or 16-word burst accesses wrap within
the burst-length boundary or whether they cross word-length boundaries to perform
linear accesses. No-wrap mode (RCR[3]=1) enables WAIT to hold off the system
processor, as it does in the continuous burst mode, until valid data is available. In no-
wrap mode (RCR[3]=0), the device operates similarly to continuous linear burst mode
but consumes less power during 4-, 8-, or 16-word bursts.
For example, if RCR[3]=0 (wrap mode) and RCR[2:0] = 1h (4-word burst), possible
linear burst sequences are 0-1-2-3, 1-2-3-0, 2-3-0-1, 3-0-1-2.
Table 35: Sequence and Burst Length
Burst Addressing Sequence (Decimal)
4-Word Burst
RCR[2:0]=001b
8-Word Burst
RCR[2:0]=010b
16-Word Burst
RCR[2:0]=011b
Continuous Burst
RCR[2:0]=111b
Linear
Linear
Linear
Linear
0
0-1-2-3
0-1-2-3-4-5-6-7
0-1-2...14-15
0-1-2-3-4-5-6-...
1
1-2-3-0
1-2-3-4-5-6-7-0
1-2-3...14-15-0
1-2-3-4-5-6-7-...
2
2-3-0-1
2-3-4-5-6-7-0-1
2-3-4...15-0-1
2-3-4-5-6-7-8-...
3
3-0-1-2
3-4-5-6-7-0-1-2
3-4-5...15-0-1-2
3-4-5-6-7-8-9-...
4
4-5-6-7-0-1-2-3
4-5-6...15-0-1-2-3
4-5-6-7-8-9-10...
5
5-6-7-0-1-2-3-4
5-6-7...15-0-1...4
5-6-7-8-9-10-11...
6
6-7-0-1-2-3-4-5
6-7-8...15-0-1...5
6-7-8-9-10-11-12-...
7
7-0-1-2-3-4-5-6
7-8-9...15-0-1...6
7-8-9-10-11-12-13...
14
14-15-0-1...13
14-15-16-17-18-19-20-...
15
15-0-1-2-3...14
15-16-17-18-19-...
0
0-1-2-3
0-1-2-3-4-5-6-7
0-1-2...14-15
0-1-2-3-4-5-6-...
1
1-2-3-4
1-2-3-4-5-6-7-8
1-2-3...15-16
1-2-3-4-5-6-7-...
2
2-3-4-5
2-3-4-5-6-7-8-9
2-3-4...16-17
2-3-4-5-6-7-8-...
3
3-4-5-6
3-4-5-6-7-8-9-10
3-4-5...17-18
3-4-5-6-7-8-9-...
4
4-5-6-7-8-9-10-11
4-5-6...18-19
4-5-6-7-8-9-10...
5
5-6-7-8-9-10-11-12
5-6-7...19-20
5-6-7-8-9-10-11...
6
6-7-8-9-10-11-12-13
6-7-8...20-21
6-7-8-9-10-11-12-...
7
7-8-9-10-11-12-13-14
7-8-9...21-22
7-8-9-10-11-12-13...
14
14-15...28-29
14-15-16-17-18-19-20-...
15
15-16...29-30
15-16-17-18-19-20-21-...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com