Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PC48F4400PLXB0 Datasheet(PDF) 81 Page - Numonyx B.V

No. de pieza PC48F4400PLXB0
Descripción Electrónicos  Numonyx Wireless Flash Memory (W18)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NUMONYX [Numonyx B.V]
Página de inicio  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PC48F4400PLXB0 Datasheet(HTML) 81 Page - Numonyx B.V

Back Button PC48F4400PLXB0 Datasheet HTML 77Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 78Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 79Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 80Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 81Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 82Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 83Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 84Page - Numonyx B.V PC48F4400PLXB0 Datasheet HTML 85Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 102 page
background image
November 2007
Datasheet
Order Number: 290701-18
81
Numonyx™ Wireless Flash Memory (W18)
14.3
WAIT Signal Polarity (RCR[10])
If the WAIT bit is cleared (RCR[10]=0), then WAIT is configured to be asserted low.
This means that a 0 on the WAIT signal indicates that data is not ready and the data
bus contains invalid data. Conversely, if RCR[10] is set, then WAIT is asserted high. In
either case, if WAIT is deasserted, then data is ready and valid. WAIT is asserted during
asynchronous page mode reads.
14.4
WAIT Signal Function
The WAIT signal indicates data valid when the device is operating in synchronous mode
(RCR[15]=0), and when addressing a partition that is currently in read-array mode.
The WAIT signal is only “deasserted” when data is valid on the bus.
When the device is operating in synchronous non-read-array mode, such as read
status, read ID, or read query, WAIT is set to an “asserted” state as determined by
RCR[10]. See Figure 12, “WAIT Signal in Synchronous Non-Read Array Operation
Waveform” on page 35.
When the device is operating in asynchronous page mode or asynchronous single word
read mode, WAIT is set to an “asserted” state as determined by RCR[10]. See Figure 8,
“Page-Mode Read Operation Waveform” on page 31, and Figure 6, “Asynchronous Read
Operation Waveform” on page 29.
From a system perspective, the WAIT signal is in the asserted state (based on
RCR[10]) when the device is operating in synchronous non-read-array mode (such as
Read ID, Read Query, or Read Status), or if the device is operating in asynchronous
mode (RCR[15]=1). In these cases, the system software should ignore (mask) the
WAIT signal, because it does not convey any useful information about the validity of
what is appearing on the data bus.
Figure 38: Example: Latency Count Setting at 3
A
MAX-0 (A)
DQ
15-0 (D/Q)
CLK (C)
CE# (E)
ADV# (V)
R103
Valid
Output
Valid
Output
High Z
t
ADD-DELAY
t
DATA
1nd
0st
2rd
3th
4th
Valid Address
Code 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com