Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PC48F4400PLXC0 Datasheet(PDF) 48 Page - Numonyx B.V

No. de pieza PC48F4400PLXC0
Descripción Electrónicos  Numonyx Wireless Flash Memory (W18)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NUMONYX [Numonyx B.V]
Página de inicio  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PC48F4400PLXC0 Datasheet(HTML) 48 Page - Numonyx B.V

Back Button PC48F4400PLXC0 Datasheet HTML 44Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 45Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 46Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 47Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 48Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 49Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 50Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 51Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 52Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 102 page
background image
Numonyx™ Wireless Flash Memory (W18)
Datasheet
November 2007
48
Order Number: 290701-18
Numonyx™ Wireless Flash Memory (W18)
9.0
Bus Operations Overview
This section provides an overview of device bus operations. The Numonyx™ Wireless
Flash Memory (W18) family includes an on-chip WSM to manage block erase and
program algorithms. Its Command User Interface (CUI) allows minimal processor
overhead with RAM-like interface timings. Device commands are written to the CUI
using standard microprocessor timings.
9.1
Bus Operations
Bus cycles to/from the W18 device conform to standard microprocessor bus operations.
Table 21 summarizes the bus operations and the logic levels that must be applied to
the device’s control signal inputs.
9.1.1
Reads
Device read operations are performed by placing the desired address on A[22:0] and
asserting CE# and OE#. ADV# must be low, and WE# and RST# must be high. All read
operations are independent of the voltage level on VPP.
CE#-low selects the device and enables its internal circuits. OE#-low or WE#-low
determine whether DQ[15:0] are outputs or inputs, respectively. OE# and WE# must
not be low at the same time - indeterminate device operation will result.
In asynchronous-page mode, the rising edge of ADV# can be used to latch the address.
If only asynchronous read mode is used, ADV# can be tied to ground. CLK is not used
in asynchronous-page mode and should be tied high.
In synchronous-burst mode, ADV# is used to latch the initial address - either on the
rising edge of ADV# or the rising (or falling) edge of CLK with ADV# low, whichever
occurs first. CLK is used in synchronous-burst mode to increment the internal address
counter, and to output read data on DQ[15:0].
Each device partition can be placed in any of several read states:
• Read Array: Returns flash array data from the addressed location.
• Read Identifier (ID): Returns manufacturer ID and device ID codes, block lock
status, and protection register data. Read Identifier information can be accessed
from any 4-Mbit partition base address.
Table 21: Bus Operations Summary
Bus Operation
RST#
CLK
ADV#
CE#
OE#
WE#
WAIT
DQ[15:0
]
Notes
Read
Asynchronous
VIH
XL
L
L
H
Asserted
Output
Synchronous
VIH
Running
L
L
L
H
Driven
Output
1
Burst Suspend
VIH
Halted
X
L
H
H
Active
Output
Write
VIH
X
L
L
H
L
Asserted
Input
2
Output Disable
VIH
X
X
L
H
H
Asserted
High-Z
3
Standby
VIH
X
X
H
X
X
High-Z
High-Z
3
Reset
VIL
X
X
X
X
X
High-Z
High-Z
3,4
Notes:
1.
WAIT is only valid during synchronous array-read operations.
2.
Refer to the
Table 23, “Bus Cycle Definitions” on page 52 for valid DQ[15:0] during a write
operation.
3.
X = Don’t Care (H or L).
4.
RST# must be at VSS ± 0.2 V to meet the maximum specified power-down current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com