Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PC48F4400PLXC0 Datasheet(PDF) 99 Page - Numonyx B.V

No. de pieza PC48F4400PLXC0
Descripción Electrónicos  Numonyx Wireless Flash Memory (W18)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NUMONYX [Numonyx B.V]
Página de inicio  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PC48F4400PLXC0 Datasheet(HTML) 99 Page - Numonyx B.V

Back Button PC48F4400PLXC0 Datasheet HTML 94Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 95Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 96Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 97Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 98Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 99Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 100Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 101Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 102Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 99 / 102 page
background image
November 2007
Datasheet
Order Number: 290701-18
99
Numonyx™ Wireless Flash Memory (W18)
Appendix C Ordering Information
To order samples, obtain datasheets or inquire about any stack combination, please
contact your local Numonyx representative.
Table 49: 38F Type Stacked Components
PF
38F
5070
M0
Y
0
B
0
Package
Designator
Product Line
Designator
Product Die/
Density
Configuration
NOR Flash
Product Family
Voltage/NOR
Flash CE#
Configuration
Parameter /
Mux
Configuration
Ballout
Identifier
Device
Details
PF =
SCSP, RoHS
RD =
SCSP,
Leaded
Stacked
NOR Flash +
RAM
Char 1 = Flash
die #1
Char 2 = Flash
die #2
Char 3 =
RAM die #1
Char 4 =
RAM die #2
(See
Table 51,
“38F / 48F
Density
Decoder”
on
page 100
for details)
First character
applies to Flash
die #1
Second character
applies to Flash
die #2
(See
Table 52,
“NOR Flash
Family
Decoder” on
page 101 for
details)
V =
1.8 V Core
and I/O;
Separate Chip
Enable per
die
(See
Table 53,
“Voltage /
NOR Flash
CE#
Configurati
on
Decoder”
on
page 101
for details)
0 =
No parameter
blocks; Non-
Mux I/O
interface
(See
Table 54,
“Paramete
r / Mux
Configurati
on
Decoder”
on
page 101
for details)
B =
x16D
Ballout
(See
Table 5
5,
“Ballout
Decoder
” on
page 10
2 for
details)
0 =
Original
released
version of
this
product



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com