Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PC48F4400PLXC0 Datasheet(PDF) 27 Page - Numonyx B.V

No. de pieza PC48F4400PLXC0
Descripción Electrónicos  Numonyx Wireless Flash Memory (W18)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NUMONYX [Numonyx B.V]
Página de inicio  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PC48F4400PLXC0 Datasheet(HTML) 27 Page - Numonyx B.V

Back Button PC48F4400PLXC0 Datasheet HTML 23Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 24Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 25Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 26Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 27Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 28Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 29Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 30Page - Numonyx B.V PC48F4400PLXC0 Datasheet HTML 31Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 102 page
background image
November 2007
Datasheet
Order Number: 290701-18
27
Numonyx™ Wireless Flash Memory (W18)
Notes:
1.
See
Figure 20, “AC Input/Output Reference Waveform” on page 44 for timing measurements and
maximum allowable input slew rate.
2.
AC specifications assume the data bus voltage is less than or equal to VCCQ when a read operation is initiated.
3.
Address hold in synchronous-burst mode is defined as tCHAX or tVHAX, whichever timing specification is satisfied first.
4.
OE# may be delayed by up to tELQV– tGLQV after the falling edge of CE# without impact to tELQV.
5.
Sampled, not 100% tested.
6.
Applies only to subsequent synchronous reads.
7.
During the initial access of a synchronous burst read, data from the first word may begin to be driven onto the data bus as
early as the first clock edge after tAVQV.
8.
All the preceding specifications apply to all densities.
Synchronous Specifications
R301
tAVCH
Address Valid Setup to CLK
7
-
ns
R302
tVLCH
ADV# Low Setup to CLK
7
-
ns
R303
tELCH
CE# Low Setup to CLK
7
-
ns
R304
tCHQV
CLK to Output Valid
-
11
ns
8
R305
tCHQX
Output Hold from CLK
3
-
ns
R306
tCHAX
Address Hold from CLK
7
-
ns
3
R307
tCHTV
CLK to WAIT Valid
-
11
ns
8
Table 13: Read Operations — 90 nm (Sheet 2 of 2)
#
Symbol
Parameter (1,2)
VCCQ=
1.7 V – 1.95 V
Unit
Notes
Min
Max
Table 14: Read Operations — 130 nm (Sheet 1 of 2)
#
Parameter (1,2)
VCCQ=
1.7 V – 2.24 V
Unit
Notes
-60
Min
Max
Asynchronous Specifications
R1
tAVAV
Read Cycle Time
60
-
ns
7,8
R2
tAVQV
Address to Output Valid
-
60
ns
7,8
R3
tELQV
CE# Low to Output Valid
-
60
ns
7,8
R4
tGLQV
OE# Low to Output Valid
-
20
ns
4
R5
tPHQV
RST# High to Output Valid
-
150
ns
R6
tELQX
CE# Low to Output Low-Z
0
-
ns
5
R7
tGLQX
OE# Low to Output Low-Z
0
-
ns
4,5
R8
tEHQZ
CE# High to Output High-Z
-
14
ns
5
R9
tGHQZ
OE# High to Output High-Z
-
14
ns
4,5
R10
tOH
CE# (OE#) High to Output Low-Z
0
-
ns
4,5
R11
tEHEL
CE# Pulse Width High
-
14
ns
6
R12
tELTV
CE# Low to WAIT Valid
-
11
ns
5,6
R13
tEHTZ
CE# High to WAIT High-Z
14
-
ns
6
Latching Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com